| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SN888CD bảng dữ liệu(PDF) 2 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SN888CD bảng dữ liệu(HTML) 2 Page - Texas Instruments |
|
2 / 26 page ![]() Vcc GND B A D DE R RE D R DE RE Vcc B A GND 1 2 3 4 8 7 6 5 SN888C SLLSEI4 – SEPTEMBER 2013 www.ti.com These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam during storage or handling to prevent electrostatic damage to the MOS gates. SOIC-8 Block Diagram (TOP VIEW) DRIVER PIN FUNCTIONS INPUT ENABLE OUTPUTS DESCRIPTION D DE A B NORMAL MODE H H H L Actively drives bus high L H L H Actively drives bus low X L Z Z Driver disabled X OPEN Z Z Driver disabled by default OPEN H H L Actively drives bus high POLARITY-CORRECTING MODE(1) H H L H Actively drives bus low L H H L Actively drives bus high X L Z Z Driver disabled X OPEN Z Z Driver disabled by default OPEN H L H Actively drives bus low (1) The polarity-correcting mode is entered when VID < VIT– and t > tFS and DE = low. This state is latched when /RE turns from low to high. RECEIVER PIN FUNCTIONS DIFFERENTIAL ENABLE OUTPUT INPUT DESCRIPTION VID = VA – VB /RE R NORMAL MODE VIT+ < VID L H Receive valid bus high VIT– < VID < VIT+ L ? Indeterminate bus state VID < VIT– L L Receive valid bus low X H Z Receiver disabled X OPEN Z Receiver disabled Open, short, idle bus L ? Indeterminate bus state POLARITY-CORRECTING MODE(1) VIT+ < VID L L Receive valid bus low VIT– < VID < VIT+ L ? Indeterminate bus state VID < VIT– L H Receive polarity corrected bus high X H Z Receiver disabled X OPEN Z Receiver disabled Open, short, idle bus L ? Indeterminate bus state (1) The polarity-correcting mode is entered when VID < VIT– and t > tFS and DE = low. This state is latched when /RE turns from low to high. 2 Submit Documentation Feedback Copyright © 2013, Texas Instruments Incorporated Product Folder Links: SN888C |