công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM32F429NE bảng dữ liệu(PDF) 53 Page - STMicroelectronics

tên linh kiện STM32F429NE
Giải thích chi tiết về linh kiện  ARM Cortex-M4 32b MCUFPU, 225DMIPS, up to 2MB Flash/2564KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 20 comm. interfaces, camera & LCD-TFT
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F429NE bảng dữ liệu(HTML) 53 Page - STMicroelectronics

Back Button STM32F429NE Datasheet HTML 49Page - STMicroelectronics STM32F429NE Datasheet HTML 50Page - STMicroelectronics STM32F429NE Datasheet HTML 51Page - STMicroelectronics STM32F429NE Datasheet HTML 52Page - STMicroelectronics STM32F429NE Datasheet HTML 53Page - STMicroelectronics STM32F429NE Datasheet HTML 54Page - STMicroelectronics STM32F429NE Datasheet HTML 55Page - STMicroelectronics STM32F429NE Datasheet HTML 56Page - STMicroelectronics STM32F429NE Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 231 page
background image
DocID024030 Rev 6
53/231
STM32F427xx STM32F429xx
Pinouts and pin description
83
-10
F2
E2
16
F11
16
D2
PF0
I/O FT
I2C2_SDA, FMC_A0,
EVENTOUT
-11
F3
H3
17
E9
17
E2
PF1
I/O FT
I2C2_SCL, FMC_A1,
EVENTOUT
-
12
G5
H2
18
F10 18
G2
PF2
I/O FT
I2C2_SMBA, FMC_A2,
EVENTOUT
-
-
-
-
-
-
19
E3
PI12
I/O FT
LCD_HSYNC,
EVENTOUT
-
-
-
-
-
-
20
G3
PI13
I/O FT
LCD_VSYNC,
EVENTOUT
-
-
-
-
-
-
21
H3
PI14
I/O FT
LCD_CLK, EVENTOUT
-13
G4
J2
19 G11 22
H2
PF3
I/O FT (5) FMC_A3, EVENTOUT
ADC3_IN9
-14
G3
J3
20
F9
23
J2
PF4
I/O FT (5) FMC_A4, EVENTOUT
ADC3_
IN14
-15
H3
K3
21
F8
24
K3
PF5
I/O FT (5) FMC_A5, EVENTOUT
ADC3_
IN15
10
16
G7
G2
22
H7
25
H6
VSS
S
11
17
G8
G3
23
-
26
H5
VDD
S
-18
NC
(2)
K2
24 G10 27
K2
PF6
I/O FT (5)
TIM10_CH1,
SPI5_NSS,
SAI1_SD_B,
UART7_Rx,
FMC_NIORD,
EVENTOUT
ADC3_IN4
-19
NC
(2)
K1
25
F7
28
K1
PF7
I/O FT (5)
TIM11_CH1,
SPI5_SCK,
SAI1_MCLK_B,
UART7_Tx,
FMC_NREG,
EVENTOUT
ADC3_IN5
-20
NC
(2)
L3
26
H11 29
L3
PF8
I/O FT (5)
SPI5_MISO,
SAI1_SCK_B,
TIM13_CH1,
FMC_NIOWR,
EVENTOUT
ADC3_IN6
Table 10. STM32F427xx and STM32F429xx pin and ball definitions (continued)
Pin number
Pin name
(function after
reset)(1)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More