| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
FBA04T12HC bảng dữ liệu(PDF) 1 Page - NMB Technologies Corporation |
|
|
|||||||||||||||||||||||||||||
FBA04T12HC bảng dữ liệu(HTML) 1 Page - NMB Technologies Corporation |
|
1 / 2 page ![]() Rated Operating Current Input Rated Max. Max. Static Noise Mass MODEL Voltage Voltage Power Speed Air Flow Pressure (V) (V) (A)*1 (W)*1 (min-1)*1 CFM*1 (m3/min)*1 in H2O (Pa)*1 (dB)*1 (g) FBA08A 12L 12 7.0 ~ 13.8 68 0.82 1900 24.0 0.68 .06 15.4 21.0 100 FBA08A12M 12 7.0 ~ 13.8 124 1.49 2450 32.1 0.91 .09 24.6 28.0 100 FBA08A 12H 12 7.0 ~ 13.8 173 2.08 2950 39.6 1.12 .14 37.1 32.0 100 FBA08A 24L 24 14.0 ~ 27.6 54 1.30 1900 24.0 0.68 .06 15.4 21.0 100 FBA08A 24M 24 14.0 ~ 27.6 71 1.70 2450 32.1 0.91 .09 24.6 28.0 100 FBA08A 24H 24 14.0 ~ 27.6 105 2.52 2950 39.6 1.12 .14 37.1 32.0 100 Rotation: Clockwise Airflow Outlet: Air Out Over Struts *1: Average Values in Free Air EMINEBEA.COM FBA08A (80 X 25.5L) Failure Rate: 10% 50,000 Hours (40°C, 65%RH) Allowable Ambient Temperature Range: -10°C ~ +70°C (65%RH) (Operating) -40°C ~ +75°C (65%RH) (Operating) (non-condensing environment) Units: inch (mm) Bearing: Hydro Wave Bearing 2.81 (71.5) 3.15 (80) -Pin +Pin NAME PLATE Housing with solid corner type are available. .177 8 – (f4.5) ROTATION 1.00 (25.5) inlet outlet FLOW .157 (4) .157 (4) 45 30 15 3000 2000 1000 0 0.5 1.0 1 .5 12V(24V)-H 12V(24V)-M 12V(24V)-L Air Flow (m3/min) N (min-1) (Pa) Ps OUTLET SIDE INLET SIDE 3.38 (f86) 2.81 (71.5) 3.07 (78) .185 4 – (f4.7) 3.62 (f92) 2.81 (71.5) 3.07 (78) .185 4 – (f4.7) |
Số phần tương tự - FBA04T12HC |
|
Mô tả tương tự - FBA04T12HC |