công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LOA67K bảng dữ liệu(PDF) 1 Page - OSRAM GmbH

tên linh kiện LOA67K
Giải thích chi tiết về linh kiện  Lead (Pb) Free Product - RoHS Compliant
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  OSRAM [OSRAM GmbH]
Trang chủ  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LOA67K bảng dữ liệu(HTML) 1 Page - OSRAM GmbH

  LOA67K Datasheet HTML 1Page - OSRAM GmbH LOA67K Datasheet HTML 2Page - OSRAM GmbH LOA67K Datasheet HTML 3Page - OSRAM GmbH LOA67K Datasheet HTML 4Page - OSRAM GmbH LOA67K Datasheet HTML 5Page - OSRAM GmbH LOA67K Datasheet HTML 6Page - OSRAM GmbH LOA67K Datasheet HTML 7Page - OSRAM GmbH LOA67K Datasheet HTML 8Page - OSRAM GmbH LOA67K Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
LS A67K, LO A67K, LY A67K
Hyper SIDELED
®
Hyper-Bright Low Current LED
Lead (Pb) Free Product - RoHS Compliant
2006-10-31
1
Besondere Merkmale
•
Gehäusetyp: weißes SMT Gehäuse, farbloser
klarer Verguss
• Besonderheit des Bauteils: Abstrahlung
parallel zur Platine, deshalb ideal zur
Einkopplung in Lichtleiter
•
Wellenlänge: 630 nm (super-rot),
606 nm (orange), 587 nm (gelb)
•
Abstrahlwinkel: Lambertscher Strahler (120°)
•
Technologie: InGaAlP
•
optischer Wirkungsgrad: 6 lm/W (gelb)
5 lm/W (super-rot), 9 lm/W (orange)
•
Gruppierungsparameter: Lichtstärke,
Wellenlänge
• Verarbeitungsmethode: für alle
SMT-Bestücktechniken geeignet
• Lötmethode: IR Reflow Löten und
Wellenlöten (TTW)
• Vorbehandlung: nach JEDEC Level 2
• Gurtung: 12-mm Gurt mit 2000/Rolle,
ø330 mm
•
ESD-Festigkeit: ESD-sicher bis 2 kV nach
JESD22-A114-B
Anwendungen
•
optischer Indikator
•
Einkopplung in Lichtleiter
•
Hinterleuchtung (LCD, Handy, Schalter, Tasten,
Displays, Werbebeleuchtung)
•
Innenbeleuchtung im Automobilbereich
(z.B. Instrumentenbeleuchtung)
•
Markierungsbeleuchtung
•
Signal- und Symbolleuchten
Features
•
package: white SMT package, colorless clear
resin
• feature of the device: radiation direction
parallel to PCB, so an ideal LED for coupling in
light guides
•
wavelength: 630 nm (super-red),
606 nm (orange), 587 nm (yellow)
•
viewing angle: Lambertian Emitter (120°)
•
technology: InGaAlP
•
optical efficiency: 6 lm/W (yellow)
5 lm/W (super-red), 9 lm/W (orange)
•
grouping parameter: luminous intensity,
wavelength
• assembly methods: suitable for all
SMT assembly methods
• soldering methods: IR reflow soldering and
TTW soldering
• preconditioning: acc. to JEDEC Level 2
• taping: 12 mm tape with 2000/reel, ø330 mm
•
ESD-withstand voltage: up to 2 kV acc. to
JESD22-A114-B
Applications
•
optical indicators
•
coupling into light guides
•
backlighting (LCD, cellular phones, switches,
keys, displays, illuminated advertising)
•
interior automotive lighting
(e.g. dashboard backlighting)
•
marker lights
•
signal and symbol luminaire


Số phần tương tự - LOA67K

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
OSRAM GmbH
LOA67K OSRAM-LOA67K Datasheet
471Kb / 19P
Coupling into light guides
logo
ams AG
LOA67K AMSCO-LOA67K Datasheet
1Mb / 23P
SIDELED® Ambient Lighting
Version 1.6 2022-09-01
LOA67K-K1M2-24 AMSCO-LOA67K-K1M2-24 Datasheet
1Mb / 23P
SIDELED® Ambient Lighting
Version 1.6 2022-09-01
More results

Mô tả tương tự - LOA67K

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
OSRAM GmbH
LGA676 OSRAM-LGA676 Datasheet
406Kb / 15P
Lead (Pb) Free Product - RoHS Compliant
LGN971 OSRAM-LGN971 Datasheet
363Kb / 13P
Lead (Pb) Free Product - RoHS Compliant
LGP47K OSRAM-LGP47K Datasheet
452Kb / 16P
Lead (Pb) Free Product RoHS Compliant
LHQ974 OSRAM-LHQ974 Datasheet
344Kb / 13P
Lead (Pb) Free Product - RoHS Compliant
LSA67B OSRAM-LSA67B Datasheet
369Kb / 15P
Lead (Pb) Free Product - RoHS Compliant
LWA67C OSRAM-LWA67C Datasheet
446Kb / 16P
Lead (Pb) Free Product - RoHS Compliant
LWP473 OSRAM-LWP473 Datasheet
501Kb / 17P
Lead (Pb) Free Product RoHS Compliant
LYA675 OSRAM-LYA675 Datasheet
385Kb / 15P
Lead (Pb) Free Product - RoHS Compliant
LSQ971 OSRAM-LSQ971 Datasheet
463Kb / 13P
Lead (Pb) Free Product - RoHS Compliant
LETH3A OSRAM-LETH3A Datasheet
460Kb / 16P
Lead (Pb) Free Product - RoHS Compliant
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com