| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MSO/DPO5054/B bảng dữ liệu(PDF) 4 Page - TEKTRONIX, INC. |
|
|
|||||||||||||||||||||||||||||
MSO/DPO5054/B bảng dữ liệu(HTML) 4 Page - TEKTRONIX, INC. |
|
4 / 28 page ![]() The WLAN presets make the Error Vector Magnitude (EVM), Constellation, and Spectral Emission Mask (SEM) measurements push-button. In addition, you can download the WLAN pre-compliance wizard to easily and quickly prepare for compliance regulatory tests. The Wizard automatically measures Transmit Power, Occupied Bandwidth, Spectral Power Density, Spectral Emission Mask and Spurious Emission Mask. The WLAN RF transmitter measurements are defined by the IEEE 802.11- 2012 revision of the standard. SignalVu-PC-SVE Vector Signal Analysis Software 4 www.tek.com |