| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MSO/DPO5104/B bảng dữ liệu(PDF) 27 Page - TEKTRONIX, INC. |
|
|
|||||||||||||||||||||||||||||
MSO/DPO5104/B bảng dữ liệu(HTML) 27 Page - TEKTRONIX, INC. |
|
27 / 28 page ![]() Legacy SignalVu-PC option New application license License type Description SV28 SV28NL-SVPC NL LTE Downlink RF measurement to work with analyzer of acquisition bandwidth ≤40 MHz and MDO4000B/C SV28FL-SVPC FL Not available in legacy license SV54NL-SVPC NL Signal survey and classification SV54FL-SVPC FL SignalVu-PCEDU EDUFL-SVPC FL Education-only version of all modules for SignalVu-PC Not available in legacy license SV30NL-SVPC NL WiGig 802.11ad measurements (only for offline analysis) SV30FL-SVPC FL SignalVu-PC application upgrades Owners of SignalVu-PC applications can download any bug fixes or enhancements to existing products free of charge. New applications with new measurements may become available and upgrades can be purchased to add the new functionality using the ordering information described above. Tektronix is registered to ISO 9001 and ISO 14001 by SRI Quality System Registrar. Bluetooth is a registered trademark of Bluetooth SIG, Inc. LTE is a trademark of ETSI. Datasheet www.tek.com 27 |