| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MY4F bảng dữ liệu(PDF) 22 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
MY4F bảng dữ liệu(HTML) 22 Page - Omron Electronics LLC |
|
22 / 36 page ![]() MY(S) 22 Dimensions (Unit: mm) Safety Precautions Applicable Sockets Use only combinations of OMRON Relays and Sockets. Application Environment for Hermetically Sealed Relays Humid environments can cause insulation problems, which may result in short- circuiting or unintended operation. Solution Do not use these Relays in any environment where the Relay will come into contact with water vapor, condensation, or water droplets. This can reduce the surface tension of the insulating beads and cause short-circuiting or unintended operation due to poor insulation. Relay Replacement To replace the Relay, turn OFF the power supply to the load and Relay coil sides to prevent unintended operation and possible electrical shock. 28.5 max. 2.6 Fourteen, 1.2-dia. × 3 oval holes 35 max. 6.4 22 max. 0.5 Relays with Plug-in Terminals or Soldered Terminals MY4(Z)H Terminal Arrangement/ Internal Connections (Bottom View) (The coil has no polarity.) |