công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

772 bảng dữ liệu(PDF) 2 Page - Adafruit Industries

tên linh kiện 772
Giải thích chi tiết về linh kiện  LCD Shield Kit w/ 16x2 Character Display - Only 2 pins used! - BLUE AND WHITE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ADAFRUIT [Adafruit Industries]
Trang chủ  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

772 bảng dữ liệu(HTML) 2 Page - Adafruit Industries

  772 Datasheet HTML 1Page - Adafruit Industries 772 Datasheet HTML 2Page - Adafruit Industries 772 Datasheet HTML 3Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
With this in mind, we wanted to make it easier for people to get these LCD into
their projects so we devised a shield that lets you control a 16x2 Character LCD,
up to 3 backlight pins AND 5 keypad pins using only the two I2C pins on the
Arduino! The best part is you don't really lose those two pins either, since you
can stick i2c-based sensors, RTCs, etc and have them share the I2C bus. This is
a super slick way to add a display without all the wiring hassle.
This shield is perfect for when you want to build a stand-alone project with its
own user interface. The 4 directional buttons plus select button allows basic
control without having to attach a bulky computer.
The shield is designed for 'classic' Arduinos such as the Uno, Duemilanove,
Diecimilla, etc. It uses the I2C pins at Analog 4 and Analog 5. It will also work
perfectly with Arduino Mega R3's which have the extra SDA/SCL I2C pins broken
out. Earlier Mega's have the I2C pins in a different location and will require you
to solder two wires from the I2C pins on the shield and plug them into the
different I2C locations at Digital 20 & 21.
This product comes as a kit! Included is a high quality, USA-made PCB and all
the components (buttons, header etc). This product comes with a 16x2 Blue &
White LCD. Assembly is easy, even if you've never soldered before and the kit
can be completed in 30 minutes. Check the product tutorial page for assembly
instructions before purchasing
Of course, we even wrote an easy-to-use Arduino library that you can easily add
to your project. It acts just like the built in LiquidCrystal library, but
automatically uses the shield pins.You can also easily query the 5 keypad
buttons to get input through the library, so you get extra buttons without using
any more pins. The buttons are automatically de-bounced inside the library.
At this time, the library and shield can control the backlight of our character
LCDs by turning the LED on or off. There is no support for PWM control of the
backlight at this time, so if you need to have more granular control of the
backlight, this shield can't do that (the I2C expander does not have PWM
output).



Html Pages

1 2 3