| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
192 bảng dữ liệu(PDF) 2 Page - Adafruit Industries |
|
|
|||||||||||||||||||||||||||||
192 bảng dữ liệu(HTML) 2 Page - Adafruit Industries |
|
2 / 2 page ![]() - DESCRIPTION This is an extra large proto-shield, specifically designed for the Mega! It comes with PCB, two buttons and a full set of stacking headers. You can stack this shield easily since it comes with extra long female headers The kit includes: • 1 x MEGAshield PCB • 2 x tactile switch • 1 x 3-pin male header • 1 x 2x3-pin stacking female header • 1 x 2x3-pin male header • 1 x 10-pin stacking female header • 5 x 8-pin stacking female header • 1 x 6-pin stacking female header • 1 x 2x18-pin stacking female header • 1 x jumper or shunt (https://verify.authorize.net/anetse pid=1de2c247-f7e6- 492b-99d8- fb648be79ff1&rurl=http% 3A//www.adafruit.com/product/192 Online Payments (http://www.authorize.net/) 9/25/2014 http://www.adafruit.com/product/192 |