| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32F205IBT6V bảng dữ liệu(PDF) 91 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F205IBT6V bảng dữ liệu(HTML) 91 Page - STMicroelectronics |
|
91 / 184 page ![]() DocID15818 Rev 15 91/184 STM32F20xxx Electrical characteristics 183 Figure 30. High-speed external clock source AC timing diagram Figure 31. Low-speed external clock source AC timing diagram High-speed external clock generated from a crystal/ceramic resonator The high-speed external (HSE) clock can be supplied with a 4 to 26 MHz crystal/ceramic resonator oscillator. All the information given in this paragraph are based on characterization results obtained with typical external components specified in Table 30. In the application, the resonator and the load capacitors have to be placed as close as possible to the oscillator pins in order to minimize output distortion and startup stabilization time. Refer to the crystal resonator manufacturer for more details on the resonator characteristics (frequency, package, accuracy). |