| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32F205VGT7TR bảng dữ liệu(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F205VGT7TR bảng dữ liệu(HTML) 13 Page - STMicroelectronics |
|
13 / 184 page ![]() DocID15818 Rev 15 13/184 STM32F20xxx Introduction 183 1 Introduction This datasheet provides the description of the STM32F205xx and STM32F207xx lines of microcontrollers. For more details on the whole STMicroelectronics STM32 family, refer to Section 2.1: Full compatibility throughout the family. The STM32F205xx and STM32F207xx datasheet should be read in conjunction with the STM32F20x/STM32F21x reference manual. They will be referred to as STM32F20x devices throughout the document. For information on programming, erasing and protection of the internal Flash memory, refer to the STM32F20x/STM32F21x Flash programming manual (PM0059). The reference and Flash programming manuals are both available from the STMicroelectronics website www.st.com. For information on the Cortex®-M3 core refer to the Cortex®-M3 Technical Reference Manual, available from the www.arm.com website. |