công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM32F205IBH6TR bảng dữ liệu(PDF) 91 Page - STMicroelectronics

tên linh kiện STM32F205IBH6TR
Giải thích chi tiết về linh kiện  ARM®-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F205IBH6TR bảng dữ liệu(HTML) 91 Page - STMicroelectronics

Back Button STM32F205IBH6TR Datasheet HTML 87Page - STMicroelectronics STM32F205IBH6TR Datasheet HTML 88Page - STMicroelectronics STM32F205IBH6TR Datasheet HTML 89Page - STMicroelectronics STM32F205IBH6TR Datasheet HTML 90Page - STMicroelectronics STM32F205IBH6TR Datasheet HTML 91Page - STMicroelectronics STM32F205IBH6TR Datasheet HTML 92Page - STMicroelectronics STM32F205IBH6TR Datasheet HTML 93Page - STMicroelectronics STM32F205IBH6TR Datasheet HTML 94Page - STMicroelectronics STM32F205IBH6TR Datasheet HTML 95Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 184 page
background image
DocID15818 Rev 15
91/184
STM32F20xxx
Electrical characteristics
183
Figure 30. High-speed external clock source AC timing diagram
Figure 31. Low-speed external clock source AC timing diagram
High-speed external clock generated from a crystal/ceramic resonator
The high-speed external (HSE) clock can be supplied with a 4 to 26 MHz crystal/ceramic
resonator oscillator. All the information given in this paragraph are based on
characterization results obtained with typical external components specified in Table 30. In
the application, the resonator and the load capacitors have to be placed as close as
possible to the oscillator pins in order to minimize output distortion and startup stabilization
time. Refer to the crystal resonator manufacturer for more details on the resonator
characteristics (frequency, package, accuracy).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More