| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
521 bảng dữ liệu(PDF) 2 Page - Littelfuse |
|
|
|||||||||||||||||||||||||||||
521 bảng dữ liệu(HTML) 2 Page - Littelfuse |
|
2 / 4 page ![]() 2 www.littelfuse.com/fuseholders ©2010 Littelfuse, Inc. Specifications are subject to change without notice. Series Name1 Device Range 3 (Operating Current Options in Amps) Max. Voltage Rating 3 (Volts) Interrupting Rating at Max Voltage Rating 3 (Amps) Operating Temperature Range Agency Approvals 3 Americas Europe Asia 217 0.032 - 15 250 35 - 150 -55°C to +125°C 218 0.032 - 16 250 35 - 100 213 0.2 - 6.3 250 35 - 63 219XA 0.4 - 6.3 250 150 216 0.05 - 16 250 750 - 1500 215 0.125 - 25 250 300 - 1500 232 1 - 10 250 / 125 300 / 10,000 235 0.1 - 7 250 / 125 35 - 10,000 233 1 - 10 125 10,000 234 1 - 10 250 100 - 200 239 0.08 - 7 250 / 125 35 - 10,000 477 0.5 - 16 400DC / 500AC 100 - 1500 Fuse Series Name Device Range 3 (Operating Current Options in Amps) Max. Voltage Rating 3 (Volts) Interrupting Rating at Max Voltage Rating 3 (Amps) Operating Temperature Range Agency Approvals 3 Americas Europe Asia 208 0.125 - 10 350 100 -55°C to +125°C 209 0.25 - 1 350 100 224/225 0.1 - 10 250 / 125 35 - 500 229/230 0.25 - 7 250 / 125 35 - 400 4.5mm x 14.5mm (2AG) SIZE FUSE SERIES AND HOLDER OPTIONS Panel Mount Holders PC Board Mount Holders Blocks Clips In-Line Holders 3452 International Shock-Safe 254101 254 Omni-Blok 111501 150274 345 International shock-Safe (old) 254121 Berylium Copper 111505 Berylium Copper 245001 Shorty Solder QC 111506 245002 Shorty NEMA QC 286377 Flip Top 5mm x 20mm SIZE FUSE SERIES AND HOLDER OPTIONS Panel Mount Holders PC Board Mount Holders Blocks Clips In-Line Holders 3455 International Shock-Safe 345121 horizontal 520003 Omni-Blok QC 111501 150274 345 International shock-Safe (old) 521101 Omni-Blok 520004 Omni-Blok Soder 445001 286377 Flip Top OPTF0060W no cover optional 520005 Omni-Blok anti-rotation 111505 Berylium Copper 800 OPTF0075P cover optional 30210 820 OOBS0232P cover 111506 Berylium Copper 823 snap-in 646 520001 821 648 cover FB58A 100054 850 640 cover and puller combo FB58B 100056 851 649 111005 T&R 860 4 Watt 656 659,660 cover 519 T&R 870 medical,captive cap 658 Surface Mt 659,660 cover 520 FH503R 810 horizontal 521 FH503S 830 horizontal 518 Combo,3AA & 5X20 862 horizontal 811 vertical 831 vertical 4pin 834 vertical 852 vertical 2 pin 853 vertical 2pin 860 4 Watt |