| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SCE5740 bảng dữ liệu(PDF) 8 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
SCE5740 bảng dữ liệu(HTML) 8 Page - OSRAM GmbH |
|
8 / 16 page ![]() SCE5740, SCE5741, SCE5742, SCE5743, SCE5744, SCE5745 2006-03-30 8 Loading Serial Character Data Table „Character ’D’“ (page 8) shows the Row Address for the example character “D.” Column data is written and read asynchro- nously from the 140 bit RAM. Once loaded the internal oscillator and character multiplexer reads the data from the RAM. These characters are row strobed with column data as shown in Figures „Row and Columns Locations for a Character ’D’“ (page 8) and „Row Strobing“ (page 9). The character strobe rate is determined by the internal or user supplied external MUX Clock, the IC’s counter and the prescaler. Row and Column Locations for a Character “D” Character 0 Character 1 Character 2 Character 3 352 Clock Cycles, 70.4 µs Example: Serial Clock=5.0 MHz, Clock Period=200 ns Time between Loads LOAD Serial Clock DATA Clock Period t0 D0 D1 D2 D3 D4 D5 D6 D7 11 Clock Cycles, 2.2 µs Time Between Loads 600ns(min) OPCODE Character Address OPCODE Column Data D0 D D1 D D2 D D3 D D4 D 11 Clock Cycles, 2.2 µs Character 0 Address Row 0 Column Data Row 1 Column Data Row 2 Column Data Row 3 Column Data Row 4 Column Data Row 5 Column Data Row 6 Column Data 88 Clock Cycles, 17.6 µs D0 0 D1 0 D2 0 D3 0 D4 0 D5 1 D6 0 D7 1 a. b. c. d. D5 0 D6 0 D7 0 Time Between Loads 600ns(min) Character “D” Op code D7 D6 D5 Column Data D4 D3 D2 D1 D0 C0 C1 C2 C3 C4 Hex Row 0 00 0 1 1 110 1E Row 1 00 0 1 0 001 11 Row 2 00 0 1 0 001 11 Row 3 00 0 1 0 001 11 Row 4 00 0 1 0 001 11 Row 5 00 0 1 0 001 11 Row 6 00 0 1 1 110 1E IDXX5183 Row 2 Row 3 Row 4 Row 5 Row 6 01 2 3 4 On LED Off LED Columns Row 0 Row 1 |