công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM32F205VCT7VTR bảng dữ liệu(PDF) 13 Page - STMicroelectronics

tên linh kiện STM32F205VCT7VTR
Giải thích chi tiết về linh kiện  ARM®-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F205VCT7VTR bảng dữ liệu(HTML) 13 Page - STMicroelectronics

Back Button STM32F205VCT7VTR Datasheet HTML 9Page - STMicroelectronics STM32F205VCT7VTR Datasheet HTML 10Page - STMicroelectronics STM32F205VCT7VTR Datasheet HTML 11Page - STMicroelectronics STM32F205VCT7VTR Datasheet HTML 12Page - STMicroelectronics STM32F205VCT7VTR Datasheet HTML 13Page - STMicroelectronics STM32F205VCT7VTR Datasheet HTML 14Page - STMicroelectronics STM32F205VCT7VTR Datasheet HTML 15Page - STMicroelectronics STM32F205VCT7VTR Datasheet HTML 16Page - STMicroelectronics STM32F205VCT7VTR Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 184 page
background image
DocID15818 Rev 15
13/184
STM32F20xxx
Introduction
183
1
Introduction
This datasheet provides the description of the STM32F205xx and STM32F207xx lines of
microcontrollers. For more details on the whole STMicroelectronics STM32 family, refer to
Section 2.1: Full compatibility throughout the family.
The STM32F205xx and STM32F207xx datasheet should be read in conjunction with the
STM32F20x/STM32F21x reference manual. They will be referred to as STM32F20x devices
throughout the document.
For information on programming, erasing and protection of the internal Flash memory, refer
to the STM32F20x/STM32F21x Flash programming manual (PM0059).
The reference and Flash programming manuals are both available from the
STMicroelectronics website www.st.com.
For information on the Cortex®-M3 core refer to the Cortex®-M3 Technical Reference
Manual, available from the www.arm.com website.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More