công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LVR005NS bảng dữ liệu(PDF) 4 Page - Littelfuse

tên linh kiện LVR005NS
Giải thích chi tiết về linh kiện  PolySwitch® Resettable PPTCs Line-Voltage-Rated Devices
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LITTELFUSE [Littelfuse]
Trang chủ  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LVR005NS bảng dữ liệu(HTML) 4 Page - Littelfuse

  LVR005NS Datasheet HTML 1Page - Littelfuse LVR005NS Datasheet HTML 2Page - Littelfuse LVR005NS Datasheet HTML 3Page - Littelfuse LVR005NS Datasheet HTML 4Page - Littelfuse LVR005NS Datasheet HTML 5Page - Littelfuse LVR005NS Datasheet HTML 6Page - Littelfuse LVR005NS Datasheet HTML 7Page - Littelfuse LVR005NS Datasheet HTML 8Page - Littelfuse LVR005NS Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
PolySwitch® Resettable PPTCs
© 2020 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: GD. 12/20/20
Line-Voltage-Rated Devices
Physical Specifications
Lead Material
LVR005N to LVR016
: Tin-plated Copper, (24AWG), ø0.51mm (0.020in)
LVR025 to LVR040
: Tin-plated Copper, (22AWG), ø0.64mm (0.025in)
LVR055
: Tin-plated Copper, (20AWG), ø0.81mm (0.032in)
LVR075-240 to LVR200-240
: Tin-plated Copper, (20AWG), ø0.81mm (0.032in)
Soldering Characteristics
Solderability per ANSI/J-STD-002 Category 3
Solder Heat Withstand
per IEC-STD 68-2-20, Test Tb, Method 1a, Condition b;
Can Wthstand 10s at 260°C ±5°C
Insulating Material
LVR005N to LVR055
: Cured, Flame-retardant Epoxy Polymer, Meets UL 94V-0
LVR075-240 to LVR200-240
: Cured, Flame-retardant Epoxy Polymer, Meets UL 94V-0
Note: Devices are not designed to be placed through a reflow process.
Environmental Specifications
Test
Conditions
Resistance Change
Passive Aging
70°C, 1000 hrs
85°C, 1000 hrs
±10%
±10%
Humidity Aging
85°C, 85% R.H., 1000 hrs
±20%
Thermal Shock
85°C, -40°C (10 Times)
±25%
Solvent Resistance
MIL-STD-202, Method 215F
No change
Moisture Resistance Level
Level 1, J-STD-020
Storage Conditions
40°C max, 70% RH max; devices should remain in original sealed bags prior to use.
Devices may not meet specified values if these storage conditions are exceeded.
Typical Time-to-Trip Curves at 20°C
LVR / LVB
A = LVR005N
B = LVR008N
C = LVR012
D = LVR016
E = LVR025
F = LVR033
G = LVR040
H = LVR055
I = LVR075-240
J = LVR100-240
K = LVR125-240
N = LVR200-240
Fault Current (A)
1000
100
10
1
0.1
1
0.1
10
100
A
A
B
B
C
DE F
G H
I
J
K
L
M N
C
D
E F
G H
I JK
L M N



Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com