| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32H523CEU6 bảng dữ liệu(PDF) 173 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32H523CEU6 bảng dữ liệu(HTML) 173 Page - STMicroelectronics |
|
173 / 228 page ![]() DS14540 Rev 1 173/228 STM32H523xx Electrical characteristics 197 Figure 42. ADC accuracy characteristics 1. Example of an actual transfer curve. 2. Ideal transfer curve. 3. End point correlation line. 4. ET = Total unadjusted error: maximum deviation between the actual and the ideal transfer curves. 5. EO = Offset error: deviation between the first actual transition and the first ideal one. 6. EG = Gain error: deviation between the last ideal transition and the last actual one. 7. ED = Differential linearity error: maximum deviation between actual steps and the ideal one. 8. EL = Integral linearity error: maximum deviation between any actual transition and the end point correlation line. Figure 43. Typical connection diagram when using the ADC with FT/TT pins featuring analog switch function 1. Refer to Table 89 for the values of RAIN, and CADC. 2. Cparasitic represents the capacitance of the PCB (dependent on soldering and PCB layout quality) plus the pad capacitance (refer to Table 56). A high Cparasitic value downgrades conversion accuracy. To remedy this, fADC should be reduced. 3. Refer to Table 56 for the value of Ilkg. MSv19880V6 (1) Example of an actual transfer curve (2) Ideal transfer curve (3) End-point correlation line n = ADC resolution ET = total unadjusted error: maximum deviation between the actual and ideal transfer curves EO = offset error: maximum deviation between the first actual transition and the first ideal one EG = gain error: deviation between the last ideal transition and the last actual one ED = differential linearity error: maximum deviation between actual steps and the ideal one EL = integral linearity error: maximum deviation between any actual transition and the end point correlation line 2 n-1 7 6 5 4 3 2 1 0 Output code EO VSSA 2 n-2 2 n-3 VREF+ (VDDA) ET EL ED 1 LSB ideal EG (1) (2) (3) (or )] [1LSB = VDDA 2 n VREF+ 2 n MSv67871V3 Sample-and-hold ADC converter Converter Cparasitic (2) Ilkg (3) CADC VDDA (4) RAIN (1) VAIN RADC VREF+ (4) VSSA I/O analog switch Sampling switch with multiplexing VSS VSS |