| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32H523CCK7TR bảng dữ liệu(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32H523CCK7TR bảng dữ liệu(HTML) 13 Page - STMicroelectronics |
|
13 / 228 page ![]() DS14540 Rev 1 13/228 STM32H523xx Introduction 13 1 Introduction This document provides the ordering information and mechanical device characteristics of the STM32H523xx microcontrollers. For information on the device errata with respect to the datasheet and reference manual, refer to the STM32H523xx errata sheet. For information on the Arm®(a) Cortex®-M33 core, refer to the Cortex®-M33 Technical Reference Manual, available from the www.arm.com website. a. Arm is a registered trademark of Arm Limited (or its subsidiaries) in the US and/or elsewhere. |