| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SN74HCS7266DR bảng dữ liệu(PDF) 4 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SN74HCS7266DR bảng dữ liệu(HTML) 4 Page - Texas Instruments |
|
4 / 24 page ![]() 4 SN74HCS7266 SCLS788A – JANUARY 2020 – REVISED MAY 2020 www.ti.com Product Folder Links: SN74HCS7266 Submit Documentation Feedback Copyright © 2020, Texas Instruments Incorporated (1) JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process. (2) JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process. 6.2 ESD Ratings VALUE UNIT V(ESD) Electrostatic discharge Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1) ±4000 V Charged-device model (CDM), per JEDEC specification JESD22-C101(2) ±1500 6.3 Recommended Operating Conditions over operating free-air temperature range (unless otherwise noted) MIN NOM MAX UNIT VCC Supply voltage 2 5 6 V VI Input voltage 0 VCC V VO Output voltage 0 VCC V TA Ambient temperature –40 125 °C (1) For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application report. 6.4 Thermal Information THERMAL METRIC(1) SN74HCS7266 UNIT PW (TSSOP) D (SOIC) 14 PINS 14 PINS RθJA Junction-to-ambient thermal resistance 151.7 133.6 °C/W RθJC(top) Junction-to-case (top) thermal resistance 79.4 89.0 °C/W RθJB Junction-to-board thermal resistance 94.7 89.5 °C/W ΨJT Junction-to-top characterization parameter 25.2 45.5 °C/W ΨJB Junction-to-board characterization parameter 94.1 89.1 °C/W RθJC(bot) Junction-to-case (bottom) thermal resistance N/A N/A °C/W 6.5 Electrical Characteristics over operating free-air temperature range; typical values measured at TA = 25°C (unless otherwise noted). PARAMETER TEST CONDITIONS VCC MIN TYP MAX UNIT VT+ Positive switching threshold 2 V 0.7 1.5 V 4.5 V 1.7 3.15 6 V 2.1 4.2 VT- Negative switching threshold 2 V 0.3 1.0 V 4.5 V 0.9 2.2 6 V 1.2 3.0 ΔVT Hysteresis (VT+ - VT-) 2 V 0.2 1.0 V 4.5 V 0.4 1.4 6 V 0.6 1.6 VOH High-level output voltage VI = VIH or VIL IOH = -20 µA 2 V to 6 V VCC – 0.1 VCC – 0.002 V IOH = -6 mA 4.5 V 4.0 4.3 IOH = -7.8 mA 6 V 5.4 5.75 VOL Low-level output voltage VI = VIH or VIL IOL = 20 µA 2 V to 6 V 0.002 0.1 V IOL = 6 mA 4.5 V 0.18 0.30 IOL = 7.8 mA 6 V 0.22 0.33 II Input leakage current VI = VCC or 0 6 V ±100 ±1000 nA ICC Supply current VI = VCC or 0, IO = 0 6 V 0.1 2 µA |