công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

VF2F2 bảng dữ liệu(PDF) 5 Page - Future Technology Devices International Ltd.

tên linh kiện VF2F2
Giải thích chi tiết về linh kiện  USB Flash Disk File-to-file Transfer Vinculum Evaluation Kit
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FTDI [Future Technology Devices International Ltd.]
Trang chủ  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

VF2F2 bảng dữ liệu(HTML) 5 Page - Future Technology Devices International Ltd.

  VF2F2 Datasheet HTML 1Page - Future Technology Devices International Ltd. VF2F2 Datasheet HTML 2Page - Future Technology Devices International Ltd. VF2F2 Datasheet HTML 3Page - Future Technology Devices International Ltd. VF2F2 Datasheet HTML 4Page - Future Technology Devices International Ltd. VF2F2 Datasheet HTML 5Page - Future Technology Devices International Ltd. VF2F2 Datasheet HTML 6Page - Future Technology Devices International Ltd. VF2F2 Datasheet HTML 7Page - Future Technology Devices International Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
VF2F2 USB Flash Disk FIle-to-File Transfer
Vinculum Evaluation Kit Datasheet Version 0.90
© Future Technology Devices International Ltd. 2007
Page 
3. Firmware
VNC1L-1A
Central
Hardware
Core
UART
Interface Select
Command
Monitor
Monitor is
GPIO
Monitor
Is UART
Monitor Select
Sel
Firmware
USB Port 2
USB Port 1
USB
Flash Disk
USB
Flash Disk
USB Mass Storage
Class Source Device
Target Device
GPIO
PROG# RESET#
Digital Camera
Or
3.1 File to File Transfer with GPIO (Button) Interface (VDFC)
���� V�2�2 ��������� ������ ���� ���� V���C V�������� VNC1� ������ ��������� �� ��������� ���� ������ ��� �� ������� �����-
������ ����� � �������� ������ (��� ������� ���� �������� ������ ������) ��� � ���� ������� ����� ���� P���� 1 �� ������� �� �����
�������� �� ���� ������� �������� ��� ���� P���� 2 �� ������� �� ���� ������ ������� �������� ��� ���� VNC1���� GP�O ������ ���
used to provide a simple push �utton user interface which is effectively acting as the V�C�L�s command monitor port
in this case.
���� V�2�2 �������� ��� �� �������� ��� / ��� �������� ������� ����� � ������� ����� �� ������������ ���� ��� � ���� �������
������ ��� ��� ���� VNC1���� ��R� ����������
Figure � - VDFC Firmware model



Html Pages

1 2 3 4 5 6 7