| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ZSC31150FAB-R bảng dữ liệu(PDF) 18 Page - Zentrum Mikroelektronik Dresden AG |
|
|
|||||||||||||||||||||||||||||
ZSC31150FAB-R bảng dữ liệu(HTML) 18 Page - Zentrum Mikroelektronik Dresden AG |
|
18 / 24 page ![]() ZSC31150 Fast Automotive Sensor Signal Conditioner Data Sheet August 31, 2010 © 2010 Zentrum Mikroelektronik Dresden AG — Rev. 1.07 All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the prior written consent of the copyright owner. The information furnished in this publication is subject to changes without notice. 18 of 24 3 Application Circuit Examples The application circuits contain external components, which are needed for overvoltage, reverse polarity, and short circuit protection. Note: Check also the available 'ZSC31150 Application Notes' for application examples and board layout. Table 3.1: Application Circuit Parameters Symbol Parameter Min Typ Max Unit Notes C1 C 100 470 nF C2 C 100 nF C3 18, 2 C 4 47 160 nF The value of C3 is the sum of the load capacitor and the cable capacitance C4, C5 19 C 0 10 nF Recommended to increase EMC immunity. The value of C4, C5 is the sum of the load capacitor and the cable capacitance R1 10 kΩ RIBR R Figure 3.1: Bridge in Voltage Mode, External Diode Temperature Sensor Refer to chapter 1.2 Ω 18 value of C3 summarizes load capacitor and cable capacity 19 higher values for C3, C4 and C5 increase EMC immunity |