công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ICO520 bảng dữ liệu(PDF) 1 Page - Axiomtek Co., Ltd.

tên linh kiện ICO520
Giải thích chi tiết về linh kiện  DIN-Rail Fanless Embedded System with 12th Gen Intel® Core™ i7/i5/i3 or Celeron® Processor, Four 2.5GbE LAN, 2 HDMI, 4 USB, 4 Isolated COM, and 2 Isolated DIO (8-in/8-out)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AXIOMTEK [Axiomtek Co., Ltd.]
Trang chủ  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

ICO520 bảng dữ liệu(HTML) 1 Page - Axiomtek Co., Ltd.

  ICO520 Datasheet HTML 1Page - Axiomtek Co., Ltd. ICO520 Datasheet HTML 2Page - Axiomtek Co., Ltd. ICO520 Datasheet HTML 3Page - Axiomtek Co., Ltd. ICO520 Datasheet HTML 4Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.axiomtek.com
x86-based DIN-rail Embedded Systems
ICO520
Specifications
Standard Color
Silver
Construction
Extruded aluminum and heavy-duty steel, IP30
CPU
Intel® Core™ i7-1265UE (1.7 GHz/10C/15W)
Intel® Core™ i5-1245UE (1.5 GHz/10C/15W)
Intel® Core™ i3-1215UE (1.2 GHz/6C/15W)
Intel® Celeron® 7305E (1 GHz/5C/15W)
Chipset
SoC integrated
System Memory
1 x DDR4-3200 SO-DIMM, up to 32GB
BIOS
AMI
TPM
TPM 2.0
Top view
Simplified model
With fan kit
Advanced model
HDMI
2 x USB 3.1
DC-in
4 x 2.5GbE
LAN
2 x USB 3.1
1 x HDMI
2 x Isolated DIO
(8-in/8-out)
4 x Isolated COM
(4-wire type)
DIN-Rail Fanless Embedded System with 12th Gen Intel® Core™ i7/i5/i3 or Celeron® Processor,
Four 2.5GbE LAN, 2 HDMI, 4 USB, 4 Isolated COM, and 2 Isolated DIO (8-in/8-out)
Features
● High performance with fanless and DIN-rail design
● 12th gen Intel® Core™ i7/i5/i3 or Celeron® processor (Alder Lake-P)
● 4 isolated COM, 2 isolated DIO (8-in/8-out), and four 2.5GbE LAN
● Wide operating temperature range from-40°C to +70°C
● 9 to 36 VDC input, typically 12 to 24 VDC, with OVP, UVP, OCP, and RPP
● Supports TPM 2.0
● Supports cold boot at -40°C
Wide Temp.
Fanless
IP30
Low Power
Isolation
EAPI
EN 55035


Số phần tương tự - ICO520

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Axiomtek Co., Ltd.
ICO500-518 AXIOMTEK-ICO500-518 Datasheet
535Kb / 3P
Robust DIN-rail Fanless Embedded System with 7th Gen Intel® Core™ i7/i5/i3 & Celeron® Processor and Dual Modular I/O Expansion Design
2023
ICO500-518-CELERON-TPM AXIOMTEK-ICO500-518-CELERON-TPM Datasheet
535Kb / 3P
Robust DIN-rail Fanless Embedded System with 7th Gen Intel® Core™ i7/i5/i3 & Celeron® Processor and Dual Modular I/O Expansion Design
2023
ICO500-518-I3-TPM AXIOMTEK-ICO500-518-I3-TPM Datasheet
535Kb / 3P
Robust DIN-rail Fanless Embedded System with 7th Gen Intel® Core™ i7/i5/i3 & Celeron® Processor and Dual Modular I/O Expansion Design
2023
ICO500-518-I5-TPM AXIOMTEK-ICO500-518-I5-TPM Datasheet
535Kb / 3P
Robust DIN-rail Fanless Embedded System with 7th Gen Intel® Core™ i7/i5/i3 & Celeron® Processor and Dual Modular I/O Expansion Design
2023
ICO500-518-I7-TPM AXIOMTEK-ICO500-518-I7-TPM Datasheet
535Kb / 3P
Robust DIN-rail Fanless Embedded System with 7th Gen Intel® Core™ i7/i5/i3 & Celeron® Processor and Dual Modular I/O Expansion Design
2023
More results

Mô tả tương tự - ICO520

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Axiomtek Co., Ltd.
EBOX730-860-FL AXIOMTEK-EBOX730-860-FL_17 Datasheet
295Kb / 1P
Fanless Embedded System with Intel Core i7/i3 & Celeron Processor
IPC912-213-FL AXIOMTEK-IPC912-213-FL_17 Datasheet
483Kb / 2P
2-slot Fanless System with Intel Core i7/i5/i3 & Celeron Processor
TBOX324-894-FL AXIOMTEK-TBOX324-894-FL Datasheet
605Kb / 2P
Fanless Embedded System with 7th Gen Intel Core i7/i5/i3 & Celeron
TBOX500-510-FL AXIOMTEK-TBOX500-510-FL Datasheet
308Kb / 2P
Fanless Embedded System with 7th Gen Intel Core i7/i5/i3
logo
Advantech Co., Ltd.
ARK-3534B ADVANTECH-ARK-3534B Datasheet
1Mb / 3P
Intel® 12th Gen Core™ i3/i5/i7/i9 LGA1700 Expansion Fanless Box PC
22-Jun-2022
ARK-3534C ADVANTECH-ARK-3534C Datasheet
1Mb / 3P
Intel® 12th Gen Core™ i3/i5/i7/i9 LGA1700 Expansion Fanless Box PC
22-Jun-2022
logo
AAEON Technology
GENE-ADP6 AAEON-GENE-ADP6 Datasheet
572Kb / 2P
3.5” SubCompact Board with 12th Generation Intel® Core™ i7/i5/i3/Celeron® Processor SoC
2023/01/19
GENESYSM-ADP6 AAEON-GENESYSM-ADP6 Datasheet
390Kb / 2P
3.5” SubCompact Board System with 12th Generation Intel® Core™ i7/i5/i3/Celeron® Processor SoC
2022/11/16
logo
BCM Advanced Research.
EMS-TGL BCM-EMS-TGL Datasheet
788Kb / 1P
11th Gen Intel® Core™ Processor i7/i5/i3 Fanless Rugged Embedded System
02/08/2018
logo
AAEON Technology
UPX-EDGE-ADLPI7-A10-16128 AAEON-UPX-EDGE-ADLPI7-A10-16128 Datasheet
473Kb / 2P
UP Xtreme i12 system with 12th generation Intel® Core™ i7/i5/i3/Celeron® Processor SoC
2023/02/16
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com