| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
WA-00400A-RACK-KIT bảng dữ liệu(PDF) 4 Page - Coherent Corp |
|
|
|||||||||||||||||||||||||||||
WA-00400A-RACK-KIT bảng dữ liệu(HTML) 4 Page - Coherent Corp |
|
4 / 12 page ![]() 4 WAVEANALYZER™ Measurement The screenshots show measurements taken with the WaveAnalyzer 200A on DWDM channels across the C-band. Modulation sidebands on signals modulated with 10 Gb/s can be identified on the channel in the center and on the left; the channel on the right has been shaped out of an ASE signal The DWDM Analysis provides precise information on the ITU channel number, the center frequency, power level and the OSNR Onscreen Help The WA 200A includes a detailed Onscreen Help function, which supports the user in all important measurement tasks. |