| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SII0680 bảng dữ liệu(PDF) 2 Page - Silicon image |
|
|
|||||||||||||||||||||||||||||
SII0680 bảng dữ liệu(HTML) 2 Page - Silicon image |
|
2 / 2 page SiI0680 Starter Kit The starter kit includes hard- ware, software and documenta- tion to quickly bring ATA/133 and 48-bit sector-addressing compliance to computer sys- tems, motherboards, add-in cards and embedded solutions. Contents Include: Hardware • Reference design board • Two ATA cables Software • Operating system drivers for DOS, Windows 95/98, ME, NT4, 2000 and XP • Configuration utility • Flash utility - Base BIOS - Medley RAID BIOS • RAID operating system drivers for Windows 98, ME, NT4, 2000, and XP Documentation • SiI0680 install guide • Medley ATA software RAID users guide • SiI0680 data sheet SiI0680 Features General • ATA/133 • 48-bit sector addressing • Dual independent DMA channels with 256B FIFO per channel • Virtual DMA • Read ahead • Command buffering • Supports temperature from 0°c to 70°c • Supports external Flash • Supports external BIOS • 80-pin cable detect Transfer Rates • PIO-0, 1, 2, 3, 4 • MDMA Mode 0, 1, 2 • Ultra 33, 66, 100 and 133 • Supports bus master DMA at 133 MB/sec burst rate PCI Bus • 32-bit, 33 MHz • PCI 2.2 compliant Power • 3.3V Operating Voltage with 5V tolerant I/O • ACPI: PCI Bus Power Management Spec 1.1 compliant Package • 144-pin, 20x20 mm LQFP (Low profile Quad Flat Pack) RAID (with Silicon Image's Medley™ ATA software RAID) • RAID 0 (Striping) • RAID 1 (Mirroring) • RAID 0+1 (Mirrored-Striping) © 2006 Silicon Image, Inc. All rights reserved. Silicon Image, the Silicon Image logo, SteelVine, the SteelVine logo, SiI and SiI0680 are trademarks or registered trademarks of Silicon Image, Inc. in the United States and other countries. Other trademarks are property of their respective holders. Product specifications are subject to change without notice. Part Number: SiI0680CL144 SiI PB-12 rev2 8/06 Silicon Image, Inc. 1060 E. Arques Avenue Sunnyvale, CA 94085 T 408.616.4000 F 408.830.9530 www.siliconimage.com SiI0680 Circuit Diagram |