công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PPC5554MVR132 bảng dữ liệu(PDF) 12 Page - NXP Semiconductors

tên linh kiện PPC5554MVR132
Giải thích chi tiết về linh kiện  MPC5554 Microcontroller Data Sheet
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

PPC5554MVR132 bảng dữ liệu(HTML) 12 Page - NXP Semiconductors

Back Button PPC5554MVR132 Datasheet HTML 8Page - NXP Semiconductors PPC5554MVR132 Datasheet HTML 9Page - NXP Semiconductors PPC5554MVR132 Datasheet HTML 10Page - NXP Semiconductors PPC5554MVR132 Datasheet HTML 11Page - NXP Semiconductors PPC5554MVR132 Datasheet HTML 12Page - NXP Semiconductors PPC5554MVR132 Datasheet HTML 13Page - NXP Semiconductors PPC5554MVR132 Datasheet HTML 14Page - NXP Semiconductors PPC5554MVR132 Datasheet HTML 15Page - NXP Semiconductors PPC5554MVR132 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 58 page
background image
MPC5554 Microcontroller Data Sheet, Rev. 4
Electrical Characteristics
Freescale Semiconductor
12
To avoid this condition, minimize the ramp time of the VDD supply to a time period less than the time
required to enable the external circuitry connected to the device outputs.
During initial power ramp-up, when Vstby is 0.6v or above. a typical current of 1-3mA and maximum of
4mA may be seen until VDD is applied. This current will not reoccur until Vstby is lowered below Vstby
min. specification.
Figure 2 shows an approximate interpolation of the ISTBY worst-case specification to estimate values at
different voltages and temperatures. The vertical lines shown at 25 C, 60 C, and 150 C in Figure 2 are
the actual IDD_STBY specifications (27d) listed in Table 9.
Figure 2. fISTBY Worst-case Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58