| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PPC5554MZP112 bảng dữ liệu(PDF) 12 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PPC5554MZP112 bảng dữ liệu(HTML) 12 Page - NXP Semiconductors |
|
12 / 58 page ![]() MPC5554 Microcontroller Data Sheet, Rev. 4 Electrical Characteristics Freescale Semiconductor 12 To avoid this condition, minimize the ramp time of the VDD supply to a time period less than the time required to enable the external circuitry connected to the device outputs. During initial power ramp-up, when Vstby is 0.6v or above. a typical current of 1-3mA and maximum of 4mA may be seen until VDD is applied. This current will not reoccur until Vstby is lowered below Vstby min. specification. Figure 2 shows an approximate interpolation of the ISTBY worst-case specification to estimate values at different voltages and temperatures. The vertical lines shown at 25 C, 60 C, and 150 C in Figure 2 are the actual IDD_STBY specifications (27d) listed in Table 9. Figure 2. fISTBY Worst-case Specifications |