công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PAXUSB00 bảng dữ liệu(PDF) 25 Page - Red Lion Controls. Inc

tên linh kiện PAXUSB00
Giải thích chi tiết về linh kiện  1/8 DIN ANALOG INPUT PANEL METERS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  REDLION [Red Lion Controls. Inc]
Trang chủ  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

PAXUSB00 bảng dữ liệu(HTML) 25 Page - Red Lion Controls. Inc

Back Button PAXUSB00 Datasheet HTML 21Page - Red Lion Controls. Inc PAXUSB00 Datasheet HTML 22Page - Red Lion Controls. Inc PAXUSB00 Datasheet HTML 23Page - Red Lion Controls. Inc PAXUSB00 Datasheet HTML 24Page - Red Lion Controls. Inc PAXUSB00 Datasheet HTML 25Page - Red Lion Controls. Inc PAXUSB00 Datasheet HTML 26Page - Red Lion Controls. Inc PAXUSB00 Datasheet HTML 27Page - Red Lion Controls. Inc PAXUSB00 Datasheet HTML 28Page - Red Lion Controls. Inc PAXUSB00 Datasheet HTML 29Page - Red Lion Controls. Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
25
Enter desired hysteresis value. See Setpoint Alarm Figures for visual
explanation of how setpoint alarm actions (balance and unbalance) are affected
by the hysteresis. Depending on the Setpoint Action, , the value may be
affected by the input rounding factor,  . When the setpoint is a
control output, usually balance hysteresis is used. For alarm applications,
usually unbalanced hysteresis is used. For unbalanced hysteresis modes, the
hysteresis functions on the low side for high acting setpoints and functions on
the high side for low acting setpoints.
Note: Hysteresis eliminates output chatter at the switch point, while time delay
can be used to prevent false triggering during process transient events.




HYSTERESIS VALUE

to 
to 
SETPOINT VALUE
When , the alarm is disabled (after a power up) until the trigger point is
crossed. Once the alarm is on, the alarm operates normally per the Setpoint
Action and Reset Mode.




OFF TIME DELAY
ON TIME DELAY

to  sec.


OUTPUT LOGIC




RESET ACTION




to  sec.


STANDBY OPERATION


Enter desired setpoint alarm value. These setpoint values can also be entered
in the Display Mode during Program Lock-out when the setpoint is programmed
as  in Parameter Module 3. Depending on the Setpoint Action, , the
value may be affected by the input rounding factor,  . When a
setpoint is programmed as deviation or band acting, the associated output tracks

as it is changed. The value entered is the offset, or difference from .
Enter the time value in seconds that the alarm is delayed from turning on after
the trigger point is reached. A value of 0.0 allows the meter to update the alarm
status per the response time listed in the Specifications. When the output logic
is , this becomes off time delay. Any time accumulated at power-off resets
during power-up.
Enter the time value in seconds that the alarm is delayed from turning off after
the trigger point is reached. A value of 0.0 allows the meter to update the alarm
status per the response time listed in the Specifications. When the output logic
is , this becomes on time delay. Any time accumulated at power-off resets
during power-up.
Enter the output logic of the alarm output. The  logic leaves the output
operation as normal. The  logic reverses the output logic. In , the alarm
states in the Setpoint Alarm Figures are reversed.
Enter the reset action of the alarm output.

= Automatic action; This action allows the alarm output to automatically
reset off at the trigger points per the Setpoint Action shown in Setpoint Alarm
Figures. The “on” alarm may be manually reset (off) immediately by a front
panel function key or user input.The alarm remains reset off until the trigger
point is crossed again.

= Latch with immediate reset action; This action latches the alarm
output on at the trigger point per the Setpoint Action shown in Setpoint Alarm
Figures. Latch means that the alarm output can only be turned off by front
panel function key or user input manual reset, serial reset command or meter
power cycle. When the user input or function key is activated (momentary or
maintained), the corresponding “on” alarm output is reset immediately and
remains off until the trigger point is crossed again. (Previously latched alarms
will be off if power up Display Value is lower than setpoint value.)

= Latch with delay reset action; This action latches the alarm output
on at the trigger point per the Setpoint Action shown in Setpoint Alarm
Figures. Latch means that the alarm output can only be turned off by front
panel function key or user input manual reset, serial reset command or meter
power cycle. When the user input or function key is activated (momentary or
maintained), the meter delays the event until the corresponding “on” alarm
output crosses the trigger off point. (Previously latched alarms are off if
power up Display Value is lower than setpoint value. During a power cycle,
the meter erases a previous Latch 2 reset if it is not activated at power up.)
* Deviation and band action setpoints are relative to the value of setpoint 1.
It is not possible to configure setpoint 1 as deviation or band actions. It is
possible to use setpoint 1 for an absolute action, while its value is being used
for deviation or band.
** The lower Totalizer action  allows setpoints to function off of the
lower 5 digits of the Totalizer. The upper Totalizer action  allows
setpoints to function off of the upper 4 digits of the Totalizer. To obtain
absolute low alarms for the Totalizer, program the  or  output
logic as reverse.
Enter the action for the selected setpoint (alarm output). See Setpoint Alarm
Figures for a visual detail of each action.
SETPOINT ACTION












=

Absolute high, with balanced hysteresis
Absolute low, with balanced hysteresis
Absolute high, with unbalanced hysteresis
Absolute low, with unbalanced hysteresis
Deviation low, with unbalanced hysteresis *
=

Outside band, with unbalanced hysteresis *
Upper Totalizer absolute high, unbalance hysteresis**
=

=

=

=

=

=

=

=

Setpoint always off, (returns to SPSEL NO)
Deviation high, with unbalanced hysteresis *
Lower Totalizer absolute high, unbalance hysteresis**




SETPOINT SOURCE
Selects the meter input value to be used to trigger the Setpoint Alarm. The

setting will cause the setpoint to trigger off of the relative (net) input value.
The relative input value is the absolute input value that includes the Display
Offset Value. The  setting will couse the setpoint to trigger off of the
absolute (gross) input value. The absolute input value is based on Module 1

and  entries. This parameter is not available when  is 
or .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com