| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
FT-R31 bảng dữ liệu(PDF) 5 Page - Panasonic Semiconductor |
|
|
|||||||||||||||||||||||||||||
FT-R31 bảng dữ liệu(HTML) 5 Page - Panasonic Semiconductor |
|
5 / 16 page ![]() 171 DigitalFiberSensorFX-410SERIES Selection Guide Fibers Fiber Amplifiers FX-500 FX-100 FX-300 FX-410 FX-311 FX-301-F7/ FX-301-F FIBER SENSORS LASER SENSORS PHOTO- ELECTRIC SENSORS MICRO PHOTO- ELECTRIC SENSORS AREA SENSORS LIGHT CURTAINS / SAFETY COMPONENTS PRESSURE / FLOW SENSORS INDUCTIVE PROXIMITY SENSORS PARTICULAR USE SENSORS SENSOR OPTIONS SIMPLE WIRE-SAVING UNITS WIRE-SAVING SYSTEMS MEASURE- MENT SENSORS STATIC ELECTRICITY PREVENTION DEVICES LASER MARKERS PLC HUMAN MACHINE INTERFACES ENERGY CONSUMPTION VISUALIZATION COMPONENTS FA COMPONENTS MACHINE VISION SYSTEMS UV CURING SYSTEMS LIST OF FIBERS Model No. Sensing range (mm in) (Note 1) Dimensions Red LED Blue LED Green LED U-LG STD FAST U-LG STD FAST U-LG STD FAST FT-140 19,600 771.654 (Note 2) 16,000 629.921 15,000 590.551 14,000 551.181 3,300 129.921 2,200 86.614 9,500 374.016 2,500 98.425 1,800 70.866 P.51 FT-30 600 23.622 145 5.709 95 3.740 90 3.543 24 0.945 15 0.591 45 1.772 12 0.472 8 0.315 P.51 FT-31 540 21.260 140 5.512 85 3.346 85 3.346 20 0.787 14 0.551 38 1.496 10 0.394 7 0.276 P.51 FT-31S 540 21.260 140 5.512 85 3.346 85 3.346 20 0.787 14 0.551 38 1.496 10 0.394 7 0.276 P.51 FT-31W 380 14.961 80 3.150 55 2.165 53 2.087 16 0.630 9 0.354 28 1.102 7 0.276 4 0.157 P.51 FT-40 1,600 62.922 345 13.583 245 9.646 250 9.843 65 2.559 45 1.772 140 5.512 40 1.575 25 0.984 P.51 FT-42 1,550 61.024 340 13.386 240 9.449 230 9.055 60 2.362 40 1.575 125 4.921 33 1.299 22 0.866 P.51 FT-42S 1,550 61.024 340 13.386 240 9.449 230 9.055 60 2.362 40 1.575 125 4.921 33 1.299 22 0.866 P.51 FT-42W 1,300 51.181 290 11.417 210 8.268 220 8.661 57 2.244 33 1.299 110 4.331 32 1.260 19 0.748 P.51 FT-43 2,200 86.614 450 17.717 310 12.205 460 18.110 120 4.724 75 2.953 250 9.843 62 2.441 44 1.732 P.51 FT-45X 1,600 62.992 370 14.567 280 11.024 260 10.236 64 2.520 45 1.772 130 5.118 34 1.339 23 0.906 P.52 FT-A11 3,600 141.732 (Note 2) 2,400 94.488 1,800 70.866 1,300 51.181 350 13.780 220 8.661 770 30.315 190 7.480 120 4.724 P.52 FT-A11W 3,600 141.732 (Note 2) 2,500 98.425 2,000 78.740 1,300 51.181 350 13.780 220 8.661 550 21.654 150 5.906 130 5.118 P.52 FT-A32 3,600 141.732 (Note 2) 3,600 141.732 (Note 2) 3,600 141.732 (Note 2) 2,500 98.425 750 29.528 380 14.961 1,500 59.055 220 8.661 130 5.118 P.52 FT-A32W 3,600 141.732 (Note 2) 3,600 141.732 (Note 2) 3,600 141.732 (Note 2) 3,400 133.858 800 31.496 470 18.504 2,100 82.677 330 12.992 140 5.512 P.52 FT-AL05 1,100 43.307 240 9.449 180 7.087 220 8.661 55 2.165 35 1.378 125 4.921 30 1.181 20 0.787 P.52 FT-E13 30 1.181 7 0.276 5 0.197 2.5 0.098 – – 1 0.039 – – P.52 FT-E23 110 4.331 20 0.787 15 0.591 12 0.472 3 0.118 2 0.079 6 0.236 1 0.039 – P.52 FT-H13-FM2 1,100 43.307 280 11.024 200 7.874 50 1.969 13 0.512 9 0.354 150 5.906 16 0.630 10 0.394 P.52 FT-H20-J20-S (Note 3) 700 27.559 160 6.299 110 4.331 120 4.724 20 0.787 – 60 2.362 – – P.53 FT-H20-J30-S (Note 3) 700 27.559 160 6.299 110 4.331 120 4.724 20 0.787 – 60 2.362 – – P.53 FT-H20-J50-S (Note 3) 700 27.559 160 6.299 110 4.331 120 4.724 20 0.787 – 60 2.362 – – P.53 FT-H20-M1 550 21.654 150 5.906 100 3.937 100 3.937 25 0.984 20 0.787 65 2.559 17 0.669 12 0.472 P.53 FT-H20-VJ50-S (Note 3) 1,100 43.307 240 9.449 170 6.693 170 6.693 35 1.378 – 90 3.543 – – P.53 FT-H20-VJ80-S (Note 3) 1,100 43.307 240 9.449 170 6.693 170 6.693 35 1.378 – 90 3.543 – – P.53 FT-H20W-M1 400 15.748 110 4.331 80 3.15 75 2.953 19 0.748 13 0.512 58 2.283 13 0.512 9 0.354 P.53 FT-H30-M1V-S (Note 4) 390 15.354 100 3.937 70 2.756 75 2.953 20 0.787 15 0.591 55 2.165 13 0.512 10 0.394 P.53 FT-H35-M2 600 23.622 150 5.906 110 4.331 115 4.528 28 1.102 20 0.787 90 3.543 20 0.787 14 0.551 P.53 FT-H35-M2S6 600 23.622 150 5.906 110 4.331 115 4.528 28 1.102 20 0.787 90 3.543 20 0.787 14 0.551 P.53 FT-HL80Y 3,500 137.795 (Note 2) 800 31.496 550 21.654 150 5.906 35 1.378 20 0.787 200 7.874 55 2.165 35 1.378 P.53 FT-KS40 3,600 141.732 (Note 2) 2,000 78.740 1,900 74.803 1,000 39.370 270 10.630 190 7.480 590 23.228 130 5.118 53 2.087 P.54 FT-KV26 880 34.646 170 6.693 120 4.724 130 5.118 31 1.220 – 90 3.543 18 0.709 – P.54 FT-KV40 3,600 141.732 (Note 2) 1,700 66.929 1,300 51.181 1,200 47.244 310 12.205 190 7.480 800 31.496 190 7.480 120 4.724 P.54 FT-KV40W 3,600 141.732 (Note 2) 1,600 62.992 1,100 43.307 900 35.433 270 10.630 140 5.512 420 16.535 100 3.937 65 2.559 P.54 FT-L80Y 3,500 137.795 (Note 2) 900 35.433 600 23.622 250 9.843 60 2.362 40 1.575 300 11.811 70 2.756 45 1.772 P.54 FT-R31 380 14.961 79 3.110 56 2.205 80 3.150 20 0.787 13 0.512 38 1.496 10 0.394 7 0.276 P.54 FT-R40 1,200 47.244 240 9.449 170 6.693 200 7.874 50 1.969 32 1.260 100 3.937 28 1.102 19 0.748 P.54 FT-R41W 1,200 47.244 290 11.417 200 7.874 220 8.661 57 2.244 33 1.299 100 3.937 26 1.024 18 0.709 P.54 FT-R42W 3,600 141.732 (Note 2) 990 38.976 740 29.134 310 12.205 75 2.953 58 2.283 270 10.630 70 2.756 50 1.969 P.54 FT-R43 1,200 47.244 230 9.055 160 6.299 200 7.874 50 1.969 32 1.260 100 3.937 26 1.024 18 0.709 P.54 FT-R44Y 1,200 47.244 230 9.055 160 6.299 200 7.874 50 1.969 32 1.260 100 3.937 26 1.024 18 0.709 P.55 FT-R60Y 3,600 141.732 (Note 2) 750 29.528 540 21.260 560 22.047 140 5.512 90 3.543 290 11.417 75 2.953 50 1.969 P.55 FT-S11 150 5.906 30 1.181 20 0.787 21 0.827 5 0.197 3.5 0.138 12 0.472 2 0.079 1.5 0.059 P.55 FT-S20 600 23.622 145 5.709 95 3.740 90 3.543 24 0.945 15 0.591 45 1.772 12 0.472 8 0.315 P.55 FT-S21 540 21.260 140 5.512 85 3.346 85 3.346 20 0.787 14 0.551 38 1.496 10 0.394 7 0.276 P.55 Notes: 1) Note that the sensing range of the free-cut type fiber may be reduced by 20 % max. depending upon how the fiber is cut. 2) The fiber cable length practically limits the sensing range. 3) Heat-resistant joint fibers and ordinary-temperature fibers ( FT-42) are sold as a set. 4) Sold as a set comprising vacuum type fiber + photo-terminal ( FV-BR1) + fiber at atmospheric side (FT-J8). Thru-beam type (one pair set) Fibers are listed in alphabetic order. Refer to p.5~ “Fiber Selection” for details of each fiber. |