công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UPJ1J181MPD bảng dữ liệu(PDF) 1 Page - Nichicon corporation

tên linh kiện UPJ1J181MPD
Giải thích chi tiết về linh kiện  ALUMINUM ELECTROLYTIC CAPACITORS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NICHICON [Nichicon corporation]
Trang chủ  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UPJ1J181MPD bảng dữ liệu(HTML) 1 Page - Nichicon corporation

  UPJ1J181MPD Datasheet HTML 1Page - Nichicon corporation UPJ1J181MPD Datasheet HTML 2Page - Nichicon corporation UPJ1J181MPD Datasheet HTML 3Page - Nichicon corporation UPJ1J181MPD Datasheet HTML 4Page - Nichicon corporation UPJ1J181MPD Datasheet HTML 5Page - Nichicon corporation UPJ1J181MPD Datasheet HTML 6Page - Nichicon corporation UPJ1J181MPD Datasheet HTML 7Page - Nichicon corporation UPJ1J181MPD Datasheet HTML 8Page - Nichicon corporation UPJ1J181MPD Datasheet HTML 9Page - Nichicon corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
ALUMINUM ELECTROLYTIC CAPACITORS
CAT.8100M
ALUMINUM ELECTROLYTIC CAPACITORS
UPJ LowImpedance,ForSwitchingPowerSupplies
Low impedance and high reliability withstanding 5000 hours load life
at +105˚C (3000 hours for smaller case sizes as specified below).
Capacitance ranges available based on the numerical values in E12 series under JIS.
Ideally suited for use of switching power supplies.
Compliant to the RoHS directive (2011/65/EU,(EU)2015/863).
UPJ
UPS
Smaller
Pressure
relief vent
In case L >25 for the φ12.5 dia. unit, lead dia. φ d=0.8mm.
U
1
P
2
J
3
1
4
E
5
4
6
7
7
1
8
M
9
P
10
D
11 12
Configuration
Size code
Capacitance tolerance (±20%)
Rated capacitance (470
µF)
Rated voltage (25V)
Series name
Type
Type
Small Dia
Low Profile
Code
6
15min.
4min.
φ d
φD
P
φd
8
3.5
0.6
10
5.0
5.0
0.6
12.5
0.6
16
7.5
0.8
18
7.5
0.8
Sleeve (PET)
φ D
Pb-free leadwire
Pb-free PET sleeve
8 • 10
PD
12.5 to 18
HD
Configuration
(mm)
L± 1.5
Radial Lead Type
Type numbering system (Example : 25V 470µF)
15000
10000
6800
4700
3300
2200
1500
1000
680
470
330
220
150
100
68
47
33
22
15
10
2.2
0
0.5
0.6
0.7
0.8
0.9
1.0
Frequency coefficient
300Hz
1kHz
120Hz
Frequency coefficient
Rated voltage
6.3 to 100V
(10kHz to
200kHz = 1)
Frequency coefficient of rated ripple current
Dimension table in next page.
Specifications
Category Temperature Range
Rated Voltage Range
Rated Capacitance Range
Capacitance Tolerance
Leakage Current
Tangent of loss angle (tan δ)
Stability at Low Temperature
Performance Characteristics
Item
–55 to +105˚C
6.3 to 100V
22 to 15000µF
± 20% at 120Hz, 20˚C
120Hz
After 1 minute's application of rated voltage at 20°C, leakage current is not more than 0.03CV (µA).
Rated voltage (V)
Impedance
ratio (max.)
Z(–55˚C) / Z(+20˚C)
6.3• 10
4
16
3
25• 35
3
50 to 100
2
For capacitance of more than 1000µF, add 0.02 for every increase of 1000µF.
120Hz, 20˚C
Rated Voltage (V)
tan δ (max.)
6.3
0.22
10
0.19
16
0.16
25
0.14
35
0.12
50
0.10
63 to 100
0.08
Endurance
The specifications listed below shall be met when the capacitors
are restored to 20°C after D.C. bias plus rated ripple current is
applied at 105°C for the condition listed at right.The peak
voltage shall not exceed the rated voltage.
Leakage current
tan δ
Less than or equal to the initial specified value
150% or less than the initial specified value
Within ±20% of the initial capacitance value
Marking
Printed with white color letter on dark brown sleeve.
Shelf Life
After storing the capacitors under no load at 105˚C for 1000
hours and then performing voltage treatment based on JIS C
5101-4 clause 4.1 at 20°C, they shall meet the specified
values for the endurance characteristics listed at right.
Capacitance change
Rated Voltage
φD(mm)
φ 8
>=φ10
6.3〜100V
3000hrs.
5000hrs.
Within ±20% of the initial capacitance value
200% or less than the initial specified value
Less than or equal to the initial specified value
Capacitance change
tan δ
Leakage current
Please refer to the Guidelines for Aluminum Electrolytic Capacitors
for end seal configuration information.
※ I : Leakage Current (µA), C : Rated Capacitance (µF), V : Rated Voltage (V)


Số phần tương tự - UPJ1J181MPD

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Nichicon corporation
UPJ1J181MPD NICHICON-UPJ1J181MPD Datasheet
106Kb / 7P
Low Impedance, For Switching Power Supplies
More results

Mô tả tương tự - UPJ1J181MPD

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Nichicon corporation
LAQ2D330MEL NICHICON-LAQ2D330MEL Datasheet
82Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UCA2C100MHD NICHICON-UCA2C100MHD Datasheet
98Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UCD1A220MCL NICHICON-UCD1A220MCL Datasheet
66Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UHD0J151MHD NICHICON-UHD0J151MHD Datasheet
87Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
UFW0J331MPD NICHICON-UFW0J331MPD Datasheet
112Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
LLG2C561MELZ25 NICHICON-LLG2C561MELZ25 Datasheet
104Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
UPB1A101MPD NICHICON-UPB1A101MPD Datasheet
79Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UPV0J101MFD NICHICON-UPV0J101MFD Datasheet
67Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UPW0J220MDD NICHICON-UPW0J220MDD Datasheet
112Kb / 5P
ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41112 EPCOS-B41112 Datasheet
771Kb / 13P
Aluminum electrolytic capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com