công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UPZ bảng dữ liệu(PDF) 1 Page - Nichicon corporation

tên linh kiện UPZ
Giải thích chi tiết về linh kiện  ALUMINUM ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NICHICON [Nichicon corporation]
Trang chủ  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UPZ bảng dữ liệu(HTML) 1 Page - Nichicon corporation

  UPZ Datasheet HTML 1Page - Nichicon corporation UPZ Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ALUMINUM ELECTROLYTIC CAPACITORS
UPZ HighVoltage,Miniature-sized
High ripple current.
Load life of 2000 hours at 105°C.
Suited for ballast applications.
Compliant to the RoHS directive (2011/65/EU,(EU)2015/863).
UPZ
UPT
Smaller
Smaller
UPH
Dimension table in next page.
U
1
P
2
Z
3
2
4
D
5
2
6
2
7
1
8
M
9
10 11
Capacitance tolerance (±20%)
Rated capacitance (220µF)
Rated voltage (200V)
H D
12
T
Size code
Series name
Type
Radial Lead Type
Type numbering system (Example : 200V 220µF)
Configuration
φ D
10
Pb-free leadwire
Pb-free PET sleeve
PD
12.5 to 18
HD
Configuration
φD
P
10
5.0
12.5
5.0
16
7.5
18
7.5
φd
0.6
0.8
0.8
0.8
(mm)
L± 2.0
15min.
4min.
Pressure
relief vent
Sleeve (PET)
φ d
Specifications
Category Temperature Range
Rated Voltage Range
Rated Capacitance Range
Capacitance Tolerance
Leakage Current
※
Tangent of loss angle (tan δ)
Stability at Low Temperature
Endurance
Marking
Performance Characteristics
Item
–40 to +105°C
200 to 450V
18 to 470µF
± 20% at 120Hz, 20°C
After 1 minute's application of rated voltage at 20°C, leakage current is not more than 0.04CV+100 (µA).
Printed with white color letter on dark brown sleeve.
After storing the capacitors under no load at 105˚C for 1000 hours and then performing voltage treatment based on JIS C
5101-4 clause 4.1 at 20°C, they shall meet the specified values for the endurance characteristics listed above.
Measurement frequency : 120Hz
The specifications listed at right shall be met when the
capacitors are restored to 20°C after D.C. bias plus rated
ripple current is applied for 2000 hours at 105°C, the peak
voltage shall not exceed the rated voltage.
Z(–25°C) / Z(+20°C)
Rated voltage (V)
Impedance ratio (max.)
200
3
400
8
420
8
450
8
Measurement frequency : 120Hz at 20°C
Rated voltage (V)
tan δ (max.)
200
0.12
420
0.20
450
0.20
400
0.15
Shelf Life
Capacitance change
Leakage current
tan δ
Within ± 20% of the initial capacitance value
Less than or equal to the initial specified value
200% or less than the initial specified value
Frequency coefficient of rated ripple current
V
200
400 to 450
60Hz
0.80
0.80
120Hz
1.00
1.00
500Hz
1.20
1.25
1kHz
1.30
1.40
10kHz or more
1.40
1.50
※ I : Leakage Current (µA), C : Rated Capacitance (µF), V : Rated Voltage (V)
Please refer to the Guidelines for Aluminum Electrolytic Capacitors
for end seal configuration information.
CAT.8100N


Số phần tương tự - UPZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Shenzhen Sunlord Electr...
UPZ SUNLORD-UPZ Datasheet
1Mb / 6P
Multilayer Chip Ferrite Bead - UPZ Series
2023/06/01
UPZ0603U220-1R8TF SUNLORD-UPZ0603U220-1R8TF Datasheet
1Mb / 6P
Multilayer Chip Ferrite Bead - UPZ Series
2023/06/01
UPZ0603U330-1R5TF SUNLORD-UPZ0603U330-1R5TF Datasheet
1Mb / 6P
Multilayer Chip Ferrite Bead - UPZ Series
2023/06/01
UPZ0603U470-1R0TF SUNLORD-UPZ0603U470-1R0TF Datasheet
1Mb / 6P
Multilayer Chip Ferrite Bead - UPZ Series
2023/06/01
UPZ0603U800-1R0TF SUNLORD-UPZ0603U800-1R0TF Datasheet
1Mb / 6P
Multilayer Chip Ferrite Bead - UPZ Series
2023/06/01
More results

Mô tả tương tự - UPZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Nichicon corporation
LAQ2D330MEL NICHICON-LAQ2D330MEL Datasheet
82Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UCA2C100MHD NICHICON-UCA2C100MHD Datasheet
98Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UCD1A220MCL NICHICON-UCD1A220MCL Datasheet
66Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UHD0J151MHD NICHICON-UHD0J151MHD Datasheet
87Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
UFW0J331MPD NICHICON-UFW0J331MPD Datasheet
112Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
LLG2C561MELZ25 NICHICON-LLG2C561MELZ25 Datasheet
104Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
UPB1A101MPD NICHICON-UPB1A101MPD Datasheet
79Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UPV0J101MFD NICHICON-UPV0J101MFD Datasheet
67Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UPW0J220MDD NICHICON-UPW0J220MDD Datasheet
112Kb / 5P
ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41112 EPCOS-B41112 Datasheet
771Kb / 13P
Aluminum electrolytic capacitors
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com