| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AX6156LEWB bảng dữ liệu(PDF) 2 Page - Axiomtek Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
AX6156LEWB bảng dữ liệu(HTML) 2 Page - Axiomtek Co., Ltd. |
|
2 / 3 page ![]() * All specifications and photos are subject to change without notice. Industrial Chassis (including Embedded MicroBoxes) 6 216 215 Packing List Ordering Information Backplane Options Power Supply Information AX6156LEWB (P/N: E206156500) 4U 14-slot beige rackmount chassis for full-size SBC w/o PSU AX6156LETB (P/N: E206156501) 4U 14-slot black rackmount chassis for full-size SBC w/o PSU AX6156LETM (P/N: E206156502) 4U 7-slot black rackmount chassis for ATX w/o PSU AX6156LEWM (P/N: E206156525) 4U 7-slot beige rackmount chassis for ATX SBC w/o PSU *Specifications and certifications are based on options and may vary. ** T-Black color; W-Beige color Models Slots per Segment (ISA/PCI/PCIe/CPU) Segment FAB100 4/4/5/1 Single FAB101 0/13/0/1 Single FAB112 0/10/2/1 Single FAB113 0/4/8/1 Single FAB114 0/8/4/1 Single FAB119 0/10/2/1 Single PICMG 1.3 50904B24010E ATX 400W FSP-400-70PFL (SK) 50916A06000E ATX 600W SS-600ES2 50914B09620E ATX AC_AUTO 400W-HRP MRW-6400P (RC) 50761222000E LGA1151/1155/1156 CPU cooler 72061560000E 3.5" to 5.25" HDD bracket (Need to buy a pair) E393242100 AX93242-RC HD audio converter kit 593836A0030E Power cable SATAx2, L=150mm (RC) 594G5208010E SATA3 cable 180D w/B.sleeve, L=50cm 594G5208000E SATA3 cable 180D w/lock&B.sleeve, L=50cm 59380402010E COM port cable w/bracket, P=2.54mm, L=300m 5938A808010E USB cable w/bkt USBx2, 2X5 (10P-Key) |