công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM32F412RGY6PTR bảng dữ liệu(PDF) 6 Page - STMicroelectronics

tên linh kiện STM32F412RGY6PTR
Giải thích chi tiết về linh kiện  Arm®-Cortex®-M4 32b MCUFPU, 125 DMIPS, 1MB Flash, 256KB RAM, USB OTG FS, 17 TIMs, 1 ADC, 17 comm. interfaces
PDF  201 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F412RGY6PTR bảng dữ liệu(HTML) 6 Page - STMicroelectronics

Back Button STM32F412RGY6PTR Datasheet HTML 2Page - STMicroelectronics STM32F412RGY6PTR Datasheet HTML 3Page - STMicroelectronics STM32F412RGY6PTR Datasheet HTML 4Page - STMicroelectronics STM32F412RGY6PTR Datasheet HTML 5Page - STMicroelectronics STM32F412RGY6PTR Datasheet HTML 6Page - STMicroelectronics STM32F412RGY6PTR Datasheet HTML 7Page - STMicroelectronics STM32F412RGY6PTR Datasheet HTML 8Page - STMicroelectronics STM32F412RGY6PTR Datasheet HTML 9Page - STMicroelectronics STM32F412RGY6PTR Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 201 page
background image
List of tables
STM32F412xE/G
6/201
DocID028087 Rev 7
List of tables
Table 1.
Device summary . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
Table 2.
STM32F412xE/G features and peripheral counts . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
Table 3.
Embedded bootloader interfaces . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24
Table 4.
Regulator ON/OFF and internal power supply supervisor availability. . . . . . . . . . . . . . . . . 31
Table 5.
Timer feature comparison . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 34
Table 6.
Comparison of I2C analog and digital filters . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 36
Table 7.
USART feature comparison . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 37
Table 8.
Legend/abbreviations used in the pinout table . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 49
Table 9.
STM32F412xE/G pin definition . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50
Table 10.
FSMC pin definition . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 64
Table 11.
STM32F412xE/G alternate functions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 67
Table 12.
STM32F412xE/G register boundary addresses . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 75
Table 13.
Voltage characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 80
Table 14.
Current characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 81
Table 15.
Thermal characteristics. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 81
Table 16.
General operating conditions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 82
Table 17.
Features depending on the operating power supply range . . . . . . . . . . . . . . . . . . . . . . . . 84
Table 18.
VCAP_1/VCAP_2 operating conditions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 85
Table 19.
Operating conditions at power-up / power-down (regulator ON) . . . . . . . . . . . . . . . . . . . . 85
Table 20.
Operating conditions at power-up / power-down (regulator OFF). . . . . . . . . . . . . . . . . . . . 86
Table 21.
Embedded reset and power control block characteristics. . . . . . . . . . . . . . . . . . . . . . . . . . 86
Table 22.
Typical and maximum current consumption, code with data processing (ART
accelerator disabled) running from SRAM - VDD = 1.7 V . . . . . . . . . . . . . . . . . . . . . . . . . . 88
Table 23.
Typical and maximum current consumption, code with data processing (ART
accelerator disabled) running from SRAM - VDD = 3.6 V . . . . . . . . . . . . . . . . . . . . . . . . . . 89
Table 24.
Typical and maximum current consumption in run mode, code with data processing
(ART accelerator enabled except prefetch) running from Flash memory- VDD = 1.7 V. . . 90
Table 25.
Typical and maximum current consumption in run mode, code with data processing
(ART accelerator enabled except prefetch) running from Flash memory - VDD = 3.6 V . . 91
Table 26.
Typical and maximum current consumption in run mode, code with data processing
(ART accelerator disabled) running from Flash memory - VDD = 3.6 V. . . . . . . . . . . . . . . 92
Table 27.
Typical and maximum current consumption in run mode, code with data processing
(ART accelerator disabled) running from Flash memory - VDD = 1.7 V. . . . . . . . . . . . . . . 93
Table 28.
Typical and maximum current consumption in run mode, code with data processing
(ART accelerator enabled with prefetch) running from Flash memory - VDD = 3.6 V . . . . . 94
Table 29.
Typical and maximum current consumption in Sleep mode - VDD = 3.6 V . . . . . . . . . . . . . 95
Table 30.
Typical and maximum current consumption in Sleep mode - VDD = 1.7 V . . . . . . . . . . . . . 96
Table 31.
Typical and maximum current consumptions in Stop mode - VDD = 1.7 V . . . . . . . . . . . . . 97
Table 32.
Typical and maximum current consumption in Stop mode - VDD=3.6 V. . . . . . . . . . . . . . . 97
Table 33.
Typical and maximum current consumption in Standby mode - VDD= 1.7 V . . . . . . . . . . . 97
Table 34.
Typical and maximum current consumption in Standby mode - VDD= 3.6 V . . . . . . . . . . . 98
Table 35.
Typical and maximum current consumptions in VBAT mode. . . . . . . . . . . . . . . . . . . . . . . . 98
Table 36.
Switching output I/O current consumption . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 101
Table 37.
Peripheral current consumption . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 102
Table 38.
Low-power mode wakeup timings(1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 106
Table 39.
High-speed external user clock characteristics. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 107
Table 40.
Low-speed external user clock characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 108
Table 41.
HSE 4-26 MHz oscillator characteristics. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 109



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More