| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PVC-6-2-CL bảng dữ liệu(PDF) 1 Page - Pro-Power |
|
|
|||||||||||||||||||||||||||||
PVC-6-2-CL bảng dữ liệu(HTML) 1 Page - Pro-Power |
|
1 / 2 page ![]() www.element14.com www.farnell.com www.newark.com www.cpc.co.uk Page <1> V1.1 28/07/15 Sleeving Application: A flexible PVC sleeving in a wide range of sizes, manufactured to meet 105°C applications, supplied in 100 metre coils continuous sleeving to facilitate overall protection of cable harnesses. Specifications: Continuous Operating Temperature : -40°C to +105°C Density : 1.35 Tensile Strength : 18N/mm2 Elongation to Break : 250% Min. Cold Bend : -30°C Insulation Resistance : 10 to Pwr 12/Ω cm Hardness : 83 A Shore Dielectric Strength : 25kV/mm Flammability : Self-extinguishing in 30 seconds Tolerance : ±0.15mm Description Min. Inside Diameter (mm) Wall Thickness (mm) Colour Part Number Sleeving, Ins, 1mm, Black, 100m 1 0.5 Black PVC-1-0-CL Sleeving, Ins, 1mm, Red, 100m Red PVC-1-2-CL Sleeving, Ins, 2mm, Grn/Yell, 100m 2 Green / Yellow PVC-2-45-CL Sleeving, Ins, 2mm, Black, 100m Black PVC-2-0-CL Sleeving, Ins, 2mm, Brown, 100m Brown PVC-2-1-CL Sleeving, Ins, 2mm, Blue, 100m Blue PVC-2-6-CL Sleeving, Ins, 2mm, Gry, 100m Grey PVC-2-8-CL Sleeving, Ins, 2mm, Red, 100m Red PVC-2-2-CL Part Number Table |
Số phần tương tự - PVC-6-2-CL |
|
Mô tả tương tự - PVC-6-2-CL |