công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC18F2X bảng dữ liệu(PDF) 11 Page - Microchip Technology

tên linh kiện PIC18F2X
Giải thích chi tiết về linh kiện  Large Memory, Highly Integrated 8-Bit General Purpose Flash Microcontrollers Product Brief
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2X bảng dữ liệu(HTML) 11 Page - Microchip Technology

Back Button PIC18F2X Datasheet HTML 7Page - Microchip Technology PIC18F2X Datasheet HTML 8Page - Microchip Technology PIC18F2X Datasheet HTML 9Page - Microchip Technology PIC18F2X Datasheet HTML 10Page - Microchip Technology PIC18F2X Datasheet HTML 11Page - Microchip Technology PIC18F2X Datasheet HTML 12Page - Microchip Technology PIC18F2X Datasheet HTML 13Page - Microchip Technology PIC18F2X Datasheet HTML 14Page - Microchip Technology PIC18F2X Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
RC4
23
38
42
42
AN16
—
—
—
—
—
—
IOCC4
—
—
SSP1DAT(1,3)
—
—
—
RC5
24
39
43
43
AN17
—
—
T4AIN(1)
—
—
—
IOCC5
—
—
—
—
Y
—
RC6
25
40
44
44
AN18
—
—
—
—
—
—
IOCC6
—
—
—
—
Y
—
RC7
26
1
1
1
AN19
—
—
—
—
—
—
IOCC7
TX/CK(1)
—
—
—
Y
—
RD0
19
34
38
38
AN20
—
—
—
—
—
—
IOCD0
RX/DT(1)
—
—
—
Y
—
RD1
20
35
39
39
AN21
—
—
—
—
—
—
IOCD1
—
—
—
—
Y
—
RD2
21
36
40
40
AN22
—
—
—
—
—
—
IOCD2
—
—
—
—
Y
—
RD3
22
37
41
41
AN23
—
—
—
—
—
—
IOCD3
—
—
—
—
Y
—
RD4
27
2
2
2
AN24
—
—
—
—
—
—
IOCD4
—
—
—
—
Y
—
RD5
28
3
3
3
AN25
—
—
—
—
—
—
IOCD5
—
—
—
—
Y
—
RD6
29
4
4
4
AN26
—
—
—
—
—
—
IOCD6
—
—
—
—
Y
—
RD7
30
5
5
5
AN27
—
—
—
—
—
—
IOCD7
—
—
—
—
Y
—
RE0
8
23
25
25
AN5
—
—
—
—
—
—
IOCE0
—
—
—
—
Y
—
RE1
9
24
26
26
AN6
—
—
—
—
—
—
IOCE1
—
—
—
—
Y
—
RE2
10
25
27
27
AN7
—
—
—
—
—
—
IOCE2
—
—
—
—
Y
—
RE3
1
16
18
18
—
—
—
—
—
—
—
IOCE3
—
—
—
—
Y
MCLR
VSS
12
6
6
6
—
—
—
—
—
—
—
—
—
—
—
—
—
AVSS
VDD
11
7
7
7
—
—
—
—
—
—
—
—
—
—
—
—
—
AVDD
VDD
32
26
28
28
—
—
—
—
—
—
—
—
—
—
—
—
—
VDD
VSS
31
27
30
29
—
—
—
—
—
—
—
—
—
—
—
—
—
VSS
VDD
—
—
8
—
—
—
—
—
—
—
—
—
—
—
—
—
—
VSS
VDD
——
8
—
—
—
—
—
—
—
—
—
—
—
—
—
—
VDD
TABLE 4:
40/44-PIN ALLOCATION TABLE (PIC18(L)F4XK40) (CONTINUED)
I/O(2)
Note
1:
Default peripheral input. Input can be moved to any other pin with the PPS input selection registers.
2:
All pin outputs default to PORT latch data. Any pin can be selected as a peripheral digital output with the PPS output selection registers.
3:
These peripheral functions are bidirectional. The output pin selections must be the same as the input pin selections.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17