công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UCS2V6R8MPD bảng dữ liệu(PDF) 1 Page - Nichicon corporation

tên linh kiện UCS2V6R8MPD
Giải thích chi tiết về linh kiện  ALUMINUM ELECTROLYTIC CAPACITORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NICHICON [Nichicon corporation]
Trang chủ  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UCS2V6R8MPD bảng dữ liệu(HTML) 1 Page - Nichicon corporation

  UCS2V6R8MPD Datasheet HTML 1Page - Nichicon corporation UCS2V6R8MPD Datasheet HTML 2Page - Nichicon corporation UCS2V6R8MPD Datasheet HTML 3Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ALUMINUM ELECTROLYTIC CAPACITORS
UCS MiniatureSized,HighRippleCurrent,
High Reliability
High ripple current and Long Life product withstanding
load life of 8000 to 10000 hours at +105°C.
Suited for power supply and ballast application.
Compliant to the RoHS directive (2011/65/EU,(EU)2015/863).
UCS
UPT
Long Life
Assurance
UCY
UCP
Smaller
Dimension table in next page.
Specifications
Category Temperature Range
Rated Voltage Range
Rated Capacitance Range
Capacitance Tolerance
Leakage Current
※
Tangent of loss angle (tan δ)
Stability at Low Temperature
Endurance
Shelf Life
Marking
Performance Characteristics
Item
–40 to +105°C
160 to 450V
6.8 to 330µF
± 20% at 120Hz, 20°C
After 1 minute's application of rated voltage at 20°C, leakage current is not more than 0.04CV+100 (µA)
Printed with white color letter on dark brown sleeve.
After storing the capacitors under no load at 105˚C for 1000 hours and then performing voltage treatment based on JIS C
5101-4 clause 4.1 at 20°C, they shall meet the specified values for the endurance characteristics listed above.
Measurement frequency : 120Hz
Capacitance change
Leakage current
The specifications listed at right shall be met when the
capacitors are restored to 20°C after D.C. bias plus rated
ripple current is applied for 10000 hours (8000 hours for
φD × L=10 × 16, 10 × 20) at 105°C, the peak voltage shall
not exceed the rated voltage.
tan δ
Within ±20% of the initial capacitance value
Less than or equal to the initial specified value
200% or less than the initial specified value
Z(–25°C) / Z(+20°C)
Z(–40°C) / Z(+20°C)
Rated voltage (V)
Impedance ratio (max.)
160
3
6
200
3
6
250
3
6
350
5
6
400
5
6
450
6
--
Measurement frequency : 120Hz at 20°C
Rated voltage (V)
tan δ (max.)
160
0.20
200
0.20
250
0.20
400
0.24
450
0.24
350
0.24
U
1
C
2
S
3
2
4
E
5
1
6
0
7
1
8
M
9
10 11
Capacitance tolerance (±20%)
Rated capacitance (100µF)
Rated voltage (250V)
H D
12
T
Size code
Series name
Type
L±1.5
15 min.
4 min.
Radial Lead Type
Sleeve (PET)
φd
Pressure
relief vent
Type numbering system (Example : 250V 100µF)
Configuration
φ D
10
Pb-free leadwire
Pb-free PET sleeve
PD
12.5 to 18
HD
Configuration
φD
P
10
5.0
12.5
5.0
16
7.5
18
7.5
φd
0.6
0.6
0.8
0.8
(mm)
Dimensions
Frequency
Coefficient
50Hz
0.40
120Hz
0.50
1kHz
0.80
10kHz
0.90
100kHz or more
1.00
Frequency coefficient of rated ripple current
V
320
500
650
750
1180
1275
1420
1420
1890
2370
3130
10 × 16
10 × 20
10× 20
12.5 × 20
12.5 × 20
16 × 20
16 × 20
16 × 25
18 × 25
18 × 35.5
320
500
650
980
1300
1380
1420
1890
2365
3220
10 × 20
10 × 20
12.5 × 20
12.5 × 20
16 × 20
16 × 20
16 × 25
18 × 25
18 × 31.5
350
500
800
980
1300
1380
1530
1940
3130
10 × 16
10 × 20
12.5 × 20
16 × 20
16 × 20
16 × 25
18 × 20
18 × 25
18 × 25
280
350
650
900
1080
1400
1375
1530
1575
10 × 16
10 × 20
12.5 × 20
12.5 × 20
16 × 20
16 × 25
18 × 20
18 × 25
18 × 25
280
350
550
760
900
1180
1180
1470
1525
10 × 20
12.5 × 20
12.5 × 25
16 × 20
16 × 25
18 × 20
18 × 25
18 × 31.5
280
450
600
730
980
980
1200
1575
2C
2D
2E
2V
2G
2W
160
200
250
350
400
450
Case size
φD
× L (mm)
: Rated ripple current (mArms) at 105°C 100kHz
: In this case, 6 will be put at 12th digit of type
numbering system.
Cap.(µF)
Code
6.8
10
15
22
33
47
68
82
100
150
220
330
6R8
100
150
220
330
470
680
820
101
151
221
331
10 × 16
10 × 20
10 × 20
10 × 20
12.5 × 20
12.5 × 20
12.5 × 25
16 × 20
16 × 20
16 × 25
18 × 31.5
Please refer to the Guidelines for Aluminum Electrolytic Capacitors
for end seal configuration information.
※ I : Leakage Current (µA), C : Rated Capacitance (µF), V : Rated Voltage (V)
CAT.8100N


Số phần tương tự - UCS2V6R8MPD

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Nichicon corporation
UCS2V6R8MPD NICHICON-UCS2V6R8MPD Datasheet
74Kb / 3P
Miniature Sized, High Ripple Current, High Reliability
UCS2V6R8MPD1TD NICHICON-UCS2V6R8MPD1TD Datasheet
74Kb / 3P
Miniature Sized, High Ripple Current, High Reliability
More results

Mô tả tương tự - UCS2V6R8MPD

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Nichicon corporation
LAQ2D330MEL NICHICON-LAQ2D330MEL Datasheet
82Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UCA2C100MHD NICHICON-UCA2C100MHD Datasheet
98Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UCD1A220MCL NICHICON-UCD1A220MCL Datasheet
66Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UHD0J151MHD NICHICON-UHD0J151MHD Datasheet
87Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
UFW0J331MPD NICHICON-UFW0J331MPD Datasheet
112Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
LLG2C561MELZ25 NICHICON-LLG2C561MELZ25 Datasheet
104Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
UPB1A101MPD NICHICON-UPB1A101MPD Datasheet
79Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UPV0J101MFD NICHICON-UPV0J101MFD Datasheet
67Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UPW0J220MDD NICHICON-UPW0J220MDD Datasheet
112Kb / 5P
ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41112 EPCOS-B41112 Datasheet
771Kb / 13P
Aluminum electrolytic capacitors
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com