công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

S25FL128SAGNFAQ bảng dữ liệu(PDF) 71 Page - Cypress Semiconductor

tên linh kiện S25FL128SAGNFAQ
Giải thích chi tiết về linh kiện  128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte) 128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte)
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CYPRESS [Cypress Semiconductor]
Trang chủ  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S25FL128SAGNFAQ bảng dữ liệu(HTML) 71 Page - Cypress Semiconductor

Back Button S25FL128SAGNFAQ Datasheet HTML 67Page - Cypress Semiconductor S25FL128SAGNFAQ Datasheet HTML 68Page - Cypress Semiconductor S25FL128SAGNFAQ Datasheet HTML 69Page - Cypress Semiconductor S25FL128SAGNFAQ Datasheet HTML 70Page - Cypress Semiconductor S25FL128SAGNFAQ Datasheet HTML 71Page - Cypress Semiconductor S25FL128SAGNFAQ Datasheet HTML 72Page - Cypress Semiconductor S25FL128SAGNFAQ Datasheet HTML 73Page - Cypress Semiconductor S25FL128SAGNFAQ Datasheet HTML 74Page - Cypress Semiconductor S25FL128SAGNFAQ Datasheet HTML 75Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 149 page
background image
Document Number: 001-98283 Rev. *M
Page 70 of 148
S25FL128S/S25FL256S
9.1.3.2 Configuration
There are commands to read, write, and protect registers that control interface path width, interface timing, interface address length,
and some aspects of data protection.
9.1.4
Read Flash Array
Data may be read from the memory starting at any byte boundary. Data bytes are sequentially read from incrementally higher byte
addresses until the host ends the data transfer by driving CS# input High. If the byte address reaches the maximum address of the
memory array, the read will continue at address zero of the array.
There are several different read commands to specify different access latency and data path widths. Double Data Rate (DDR)
commands also define the address and data bit relationship to both SCK edges:
The Read command provides a single address bit per SCK rising edge on the SI signal with read data returning a single bit per
SCK falling edge on the SO signal. This command has zero latency between the address and the returning data but is limited to a
maximum SCK rate of 50 MHz.
Other read commands have a latency period between the address and returning data but can operate at higher SCK frequencies.
The latency depends on the configuration register latency code.
The Fast Read command provides a single address bit per SCK rising edge on the SI signal with read data returning a single bit
per SCK falling edge on the SO signal and may operate up to 133 MHz.
Dual or Quad Output read commands provide address a single bit per SCK rising edge on the SI / IO0 signal with read data
returning two bits, or four bits of data per SCK falling edge on the IO0-IO3 signals.
Dual or Quad I/O Read commands provide address two bits or four bits per SCK rising edge with read data returning two bits, or
four bits of data per SCK falling edge on the IO0-IO3 signals.
Fast (Single), Dual, or Quad Double Data Rate read commands provide address one bit, two bits or four bits per every SCK edge
with read data returning one bit, two bits, or four bits of data per every SCK edge on the IO0-IO3 signals. Double Data Rate (DDR)
operation is only supported for core and I/O voltages of 3 to 3.6V.
9.1.5
Program Flash Array
Programming data requires two commands: Write Enable (WREN), and Page Program (PP or QPP). The Page Program command
accepts from 1 byte up to 256 or 512 consecutive bytes of data (page) to be programmed in one operation. Programming means
that bits can either be left at 1, or programmed from 1 to 0. Changing bits from 0 to 1 requires an erase operation.
9.1.6
Erase Flash Array
The Sector Erase (SE) and Bulk Erase (BE) commands set all the bits in a sector or the entire memory array to 1. A bit needs to be
first erased to 1 before programming can change it to a 0. While bits can be individually programmed from a 1 to 0, erasing bits from
0 to 1 must be done on a sector-wide (SE) or array-wide (BE) level.
9.1.7
OTP, Block Protection, and Advanced Sector Protection
There are commands to read and program a separate One TIme Programmable (OTP) array for permanent data such as a serial
number. There are commands to control a contiguous group (block) of flash memory array sectors that are protected from program
and erase operations. There are commands to control which individual flash memory array sectors are protected from program and
erase operations.
9.1.8
Reset
There is a command to reset to the default conditions present after power on to the device. There is a command to reset (exit from)
the Enhanced Performance Read Modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com