| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PTH08080WAS bảng dữ liệu(PDF) 14 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
PTH08080WAS bảng dữ liệu(HTML) 14 Page - Texas Instruments |
|
14 / 18 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 2-Jun-2025 PACKAGING INFORMATION Orderable part number Status (1) Material type (2) Package | Pins Package qty | Carrier RoHS (3) Lead finish/ Ball material (4) MSL rating/ Peak reflow (5) Op temp (°C) Part marking (6) PTH08080WAD Active Production Through-Hole Module (EUF) | 5 90 | TIW TRAY Exempt SN N/A for Pkg Type -40 to 85 PTH08080WAD.B Active Production Through-Hole Module (EUF) | 5 90 | TIW TRAY Exempt SN N/A for Pkg Type -40 to 85 PTH08080WAH Active Production Through-Hole Module (EUF) | 5 90 | TIW TRAY Exempt SN N/A for Pkg Type -40 to 85 PTH08080WAH.B Active Production Through-Hole Module (EUF) | 5 90 | TIW TRAY Exempt SN N/A for Pkg Type -40 to 85 PTH08080WAS Active Production Surface Mount Module (EUG) | 5 90 | TIW TRAY No SNPB Level-1-235C-UNLIM/ Level-3-260C-168HRS -40 to 85 PTH08080WAS.B Active Production Surface Mount Module (EUG) | 5 90 | TIW TRAY No SNPB Level-1-235C-UNLIM/ Level-3-260C-168HRS -40 to 85 PTH08080WAST Active Production Surface Mount Module (EUG) | 5 250 | SMALL T&R No SNPB Level-1-235C-UNLIM/ Level-3-260C-168HRS -40 to 85 PTH08080WAST.B Active Production Surface Mount Module (EUG) | 5 250 | SMALL T&R No SNPB Level-1-235C-UNLIM/ Level-3-260C-168HRS -40 to 85 PTH08080WAZ Active Production Surface Mount Module (EUG) | 5 90 | TIW TRAY Exempt SNAGCU Level-3-260C-168 HR -40 to 85 PTH08080WAZ.B Active Production Surface Mount Module (EUG) | 5 90 | TIW TRAY Exempt SNAGCU Level-3-260C-168 HR -40 to 85 PTH08080WAZT Active Production Surface Mount Module (EUG) | 5 250 | SMALL T&R Exempt SNAGCU Level-3-260C-168 HR -40 to 85 PTH08080WAZT.B Active Production Surface Mount Module (EUG) | 5 250 | SMALL T&R Exempt SNAGCU Level-3-260C-168 HR -40 to 85 PTH08080WBH Active Production Through-Hole Module (EUF) | 5 90 | TIW TRAY In-Work Call TI N/A for Pkg Type - PTH08080WBH.B Active Production Through-Hole Module (EUF) | 5 90 | TIW TRAY In-Work Call TI N/A for Pkg Type -40 to 85 (1) Status: For more details on status, see our product life cycle. (2) Material type: When designated, preproduction parts are prototypes/experimental devices, and are not yet approved or released for full production. Testing and final process, including without limitation quality assurance, reliability performance testing, and/or process qualification, may not yet be complete, and this item is subject to further changes or possible discontinuation. If available for ordering, purchases will be subject to an additional waiver at checkout, and are intended for early internal evaluation purposes only. These items are sold without warranties of any kind. Addendum-Page 1 |