| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCM4202DBT bảng dữ liệu(PDF) 21 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
PCM4202DBT bảng dữ liệu(HTML) 21 Page - Texas Instruments |
|
21 / 32 page ![]() PCM4202 SBAS290B − JULY 2003 − SEPTEMBER 2004 www.ti.com 21 V REFL AGNDL V COML V INL+ V INL− FMT0 FMT1 S/M FS0 FS1 FS2 HPFD DGND V DD V REFR AGNDR V COMR V INR+ V INR− AGND V CC CLIPL CLIPR RST SCKI LRCK or DSDBCK BCK or DSDL DATA or DSDR 1 2 3 4 5 6 7 8 9 10 11 12 13 14 28 27 26 25 24 23 22 21 20 19 18 17 16 15 PCM4202 + 33 µF 0.1 µF 0.1 µF + 33 µF +5V Right Channel Analog Input 0.1 µF 33 µF 0.1 µF Left Channel Analog Input Input Buffer From Logic, µP, or Hardwired Connection 0.1 µF 33 µF 0.1 µF Digital Audio Transmitter or Processor To Clipping Indicators To A/D or System Reset To Audio System Clock +3.3V Figure 12. Typical Connection Diagram |