công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCM1748E/2K.B bảng dữ liệu(PDF) 15 Page - Texas Instruments

tên linh kiện PCM1748E/2K.B
Giải thích chi tiết về linh kiện  24-Bit, 96-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1748E/2K.B bảng dữ liệu(HTML) 15 Page - Texas Instruments

Back Button PCM1748E/2K.B Datasheet HTML 11Page - Texas Instruments PCM1748E/2K.B Datasheet HTML 12Page - Texas Instruments PCM1748E/2K.B Datasheet HTML 13Page - Texas Instruments PCM1748E/2K.B Datasheet HTML 14Page - Texas Instruments PCM1748E/2K.B Datasheet HTML 15Page - Texas Instruments PCM1748E/2K.B Datasheet HTML 16Page - Texas Instruments PCM1748E/2K.B Datasheet HTML 17Page - Texas Instruments PCM1748E/2K.B Datasheet HTML 18Page - Texas Instruments PCM1748E/2K.B Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 40 page
background image
www.ti.com
SERIAL CONTROL INTERFACE
REGISTER WRITE OPERATION
IDX 5
ID X 6
0
IDX 4
ID X 2
ID X3
ID X 1
ID X0
D 7
D 6
D 5
D4
D 3
D 2
D1
D 0
MSB
Register Index (or Address)
Register Data
LSB
0
D7
D6
D5
D4
D3
D2
0
IDX 6
D1
D0
X
X
X
ID X6
IDX 5
ID X 4
ID X3
ID X 2 ID X1
ID X0
ML
MC
MD
PCM1748
SBAS165B – MAY 2001 – REVISED APRIL 2005
The serial control interface is a 3-wire serial port that operates asynchronously to the serial audio interface. The
serial control interface is used to program the on-chip mode registers. The control interface includes MD (pin 13),
MC (pin 14), and ML (pin 15). MD is the serial data input, used to program the mode registers; MC is the serial
bit clock, used to shift data into the control port; and ML is the control port latch clock.
All write operations for the serial control port use 16-bit data words. Figure 23 shows the control data word
format. The most significant bit must be a 0. Seven bits, labeled IDX[6:0], set the register index (or address) for
the write operation. The least significant eight bits, D[7:0], contain the data to be written to the register specified
by IDX[6:0].
Figure 24 shows the functional timing diagram for writing to the serial control port. ML is held at a logic-1 state
until a register is to be written. To start the register write cycle, ML is set to logic-0. Sixteen clocks are then
provided on MC, corresponding to the 16 bits of the control data word on MD. After the sixteenth clock cycle has
completed, ML is set to logic-1 to latch the data into the indexed mode control register.
Figure 23. Control Data Word Format for MD
Figure 24. Register Write Operation
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com