| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LAN9252V/PT bảng dữ liệu(PDF) 88 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
LAN9252V/PT bảng dữ liệu(HTML) 88 Page - Microchip Technology |
|
88 / 329 page ![]() LAN9252 DS00001909A-page 88 2015 Microchip Technology Inc. Data path operations for the supported endian configurations and data bus sizes are illustrated in FIGURE 9-23: Little Endian Ordering on page 88 and FIGURE 9-24: Big Endian Ordering on page 89. FIGURE 9-23: LITTLE ENDIAN ORDERING 8-BIT LITTLE ENDIAN 0 1 2 3 0 1 2 3 0 7 0 7 8 15 16 23 31 24 A = 2 A = 3 MSB LSB HOST DATA BUS INTERNAL ORDER A = 0 A = 1 16-BIT LITTLE ENDIAN 0 1 2 3 0 1 2 3 0 7 8 15 0 7 8 15 16 23 31 24 A = 0 A = 1 MSB LSB HOST DATA BUS INTERNAL ORDER |