| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LAN9252T/ML bảng dữ liệu(PDF) 186 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
LAN9252T/ML bảng dữ liệu(HTML) 186 Page - Microchip Technology |
|
186 / 329 page ![]() LAN9252 DS00001909A-page 186 2015 Microchip Technology Inc. 11.2.16.31 PHY x MAC Receive Address C Register (PHY_RX_ADDRC_x) Note 23: Register bits designated as NASR are reset when the PHY Reset is generated via the Reset Control Reg- ister (RESET_CTL). The NASR designation is only applicable when the Soft Reset (PHY_SRST) bit of the PHY x Basic Control Register (PHY_BASIC_CONTROL_x) is set. Index (In Decimal): 3.32867 Size: 16 bits Bits Description Type Default 15:0 Physical Address [15:0] R/W/ NASR Note 23 FFFFh |