| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LAN9252 bảng dữ liệu(PDF) 14 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
LAN9252 bảng dữ liệu(HTML) 14 Page - Microchip Technology |
|
14 / 329 page ![]() LAN9252 DS00001909A-page 14 2015 Microchip Technology Inc. 3.2 64-TQFP-EP Pin Assignments . FIGURE 3-2: 64-TQFP-EP PIN ASSIGNMENTS (TOP VIEW) Note: When an “#” is used at the end of the signal name, it indicates that the signal is active low. For example, RST# indicates that the reset signal is active low. The buffer type for each signal is indicated in the “Buffer Type” column of the pin description tables in Sec- tion 3.3, "Pin Descriptions". A description of the buffer types is provided in Section 1.2, "Buffer Types". Note: Exposed pad (VSS) on bottom of package must be connected to ground with a via field. (Connect exposed pad to ground with a via field) VS S LAN9252 64-TQFP-EP (To p V i e w ) 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 32 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 CS/DIGIO13/GPI13/GPO13/MII_RXD1 A1/ALELO/OE_EXT/MII_CLK25 D11/AD11/DIGIO5/GPI5/GPO5/MII_TXD0 D12/AD12/DIGIO6/GPI6/GPO6/MII_TXD1 VDDIO D9/AD9/LATCH_IN/SCK A2/ALEHI/DIGIO10/GPI10/GPO10/ LINKACTLED2/MII_LINKPOL VDDCR D10/AD10/DIGIO4/GPI4/GPO4/MII_TXEN A3/DIGIO11/GPI11/GPO11/MII_RXDV A4/DIGIO12/GPI12/GPO12/MII_RXD0 WR/ENB/DIGIO14/GPI14/GPO14/MII_RXD2 D0/AD0/WD_STATE/SI/SIO0 SYNC1/LATCH1 VDDIO RD/RD_WR/DIGIO15/GPI15/GPO15/MII_RXD3 RBIAS VDD12TX1 VDD33TXRX1 VDD33BIAS RXPA TXNA TXPA RXNA VDD12TX2 RXPB RXNB TXPB D5/AD5/OUTVALID/SCS# D4/AD4/DIGIO3/GPI3/GPO3/MII_LINK TXNB VDD33TXRX2 |