công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

OPA452FA/500 bảng dữ liệu(PDF) 11 Page - Texas Instruments

tên linh kiện OPA452FA/500
Giải thích chi tiết về linh kiện  80V, 50mA OPERATIONAL AMPLIFIERS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

OPA452FA/500 bảng dữ liệu(HTML) 11 Page - Texas Instruments

Back Button OPA452FA/500 Datasheet HTML 7Page - Texas Instruments OPA452FA/500 Datasheet HTML 8Page - Texas Instruments OPA452FA/500 Datasheet HTML 9Page - Texas Instruments OPA452FA/500 Datasheet HTML 10Page - Texas Instruments OPA452FA/500 Datasheet HTML 11Page - Texas Instruments OPA452FA/500 Datasheet HTML 12Page - Texas Instruments OPA452FA/500 Datasheet HTML 13Page - Texas Instruments OPA452FA/500 Datasheet HTML 14Page - Texas Instruments OPA452FA/500 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
OPA452, 453
11
SBOS127C
www.ti.com
typical output current of 125mA. With
±40V power supplies,
this creates an internal dissipation of 10W. This far exceeds
practical heat sinking and is not recommended. If operation
in this region is unavoidable, use the part with a heat sink.
HEAT SINKING
Power dissipated in the OPA452 or OPA453 will cause the
junction temperature to rise. For reliable operation, the junc-
tion temperature should be limited to +125
°C. Many applica-
tions will require a heat sink to assure that the maximum
operating junction temperature is not exceeded. The heat
sink required depends on the power dissipated and on
ambient conditions.
For heat sinking purposes, the tab of the DDPAK is typically
soldered directly to a circuit board copper area. Increasing
the copper area improves heat dissipation. Figure 4 shows
typical thermal resistance from junction-to-ambient as a
function of copper area.
Depending on conditions, additional heat sinking may be
required. Aavid Thermal Products Inc. manufactures sur-
face-mountable heat sinks designed specifically for use with
these packages. Further information is available on Aavid’s
web site, www.aavid.com.
FIGURE 4. DDPAK Thermal Resistance versus Circuit Board
Copper Area.
CAPACITIVE LOADS
The dynamic characteristics of the OPA452 and OPA453
have been optimized for commonly encountered gains, loads,
and operating conditions. The combination of low closed-
loop gain and capacitive load will decrease the phase margin
and may lead to gain peaking or oscillations. Figure 5 shows
a circuit that preserves phase margin with capacitive load.
Figure 6 shows the small-signal step response for the circuit
in Figure 5. Consult Application Bulletin SBOA015, at
www.ti.com, for more information.
FIGURE 5. Driving Large Capacitive Loads.
R
F
5k
Ω
C
S
1.8nF
10nF
OPA452
+40V
–40V
V
I
C
F
270pF
R
G
5k
Ω
THERMAL RESISTANCE vs
CIRCUIT BOARD COPPER AREA
50
40
30
20
10
0
012345
Copper Area (inches2)
OPA452FA, OPA453FA
Surface-Mount Package
1oz. copper
Circuit Board Copper Area
OPA452FA, OPA453FA
Surface-Mount Package
FIGURE 6. Small-Signal Step Response for Figure 5.
SMALL-SIGNAL STEP RESPONSE
(G = –1, C
L = 10nF)
2.5
µs/div
OPA452



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com