công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

381 bảng dữ liệu(PDF) 1 Page - PANAVISE PRODUCTS, INC.

tên linh kiện 381
Giải thích chi tiết về linh kiện  Precision Vise Combinations
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PANAVISE [PANAVISE PRODUCTS, INC.]
Trang chủ  https://www.panavise.com/
Logo PANAVISE - PANAVISE PRODUCTS, INC.

381 bảng dữ liệu(HTML) 1 Page - PANAVISE PRODUCTS, INC.

  381 Datasheet HTML 1Page - PANAVISE PRODUCTS, INC. 381 Datasheet HTML 2Page - PANAVISE PRODUCTS, INC. 381 Datasheet HTML 3Page - PANAVISE PRODUCTS, INC. 381 Datasheet HTML 4Page - PANAVISE PRODUCTS, INC. 381 Datasheet HTML 5Page - PANAVISE PRODUCTS, INC. 381 Datasheet HTML 6Page - PANAVISE PRODUCTS, INC. 381 Datasheet HTML 7Page - PANAVISE PRODUCTS, INC. 381 Datasheet HTML 8Page - PANAVISE PRODUCTS, INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Model 201 Features:
> The easy-to-use single knob controls head movement through 3-planes:
210° Tilt, 360° Turn & 360° Rotation
> Fine/coarse adjusting knob controls jaw pressure for delicate work
> Grooved jaws are excellent for holding small objects and are made of reinforced thermal
composite plastic [continuous heat tolerance to 350°F (177°C), intermittent heat up to
450°F (204°C)]
> Jaws are 2” (50.8mm) tall, 1” (25.4mm) wide, and open to 2.875” (73mm)
Neoprene jaw pads are available (page 22) for holding extremely delicate items
> Base features 4.3125” (109.5mm) bolt circle countersunk for three 1/4” (6.3mm)
flat-head screws (not included); compatible with all PanaVise Base Mounts (pages 14-15)
> Height: 6.75” (173mm), Weight: 1.2 lbs. (0.6kg)
PV Jr. Model 201
The AMAZING Mini-Vise: perfect for arts and crafts,
model making, electronics and other small projects!
Precision Vise Combinations
PanaVise vises and work holding tools have hundreds of uses limited only by your imagination! Each vise allows the head to
“Tilt, Turn & Rotate” and position your work anywhere you want it. Our precision vises make any project more productive —
PanaVise: “Better than a third hand!”
6
+1.800.759.7535
www.panavise.com
Vacuum Base PV Jr. Model 209
The most PORTABLE precision vise you’ll ever own! Ideal
for light-duty field repairs, electronics, hobbies and more!
Model 209 Features:
> The easy-to-use single knob controls head movement through 3-planes:
210° Tilt, 360° Turn & 360° Rotation
> Fine/coarse adjusting knob controls jaw pressure for delicate work
> Grooved jaws are excellent for holding small objects and are made of reinforced thermal
composite plastic [continuous heat tolerance to 350°F (177°C), intermittent heat up to
450°F (204°C)]
> Jaws are 2” (50.8mm) tall, 1” (25.4mm) wide, and open to 2.875” (73mm)
> Arm movement is 140°; positive indents control movement to prevent “flopping”;
the control knob locks the arm firmly into place
> Lever locks vacuum pad into place on any smooth, flat, non-porous surface;
lift tab to release vise from surface
> Base Diameter: 3.4” (86.4mm), Height: 7.5” (173mm), Weight: 0.8 lbs. (0.4kg)


Số phần tương tự - 381

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fluke Corporation
381 FLUKE-381 Datasheet
121Kb / 2P
381 Remote Display True-rms AC/DC Clamp Meter with iFlex?
logo
Adafruit Industries
381 ADAFRUIT-381 Datasheet
147Kb / 3P
Waterproof DS18B20 Digital temperature sensor extras
2/19/2016
logo
Labfacility Ltd
381-0215 LABFACILITY-381-0215 Datasheet
1Mb / 1P
Standard In-Line Thermocouple Plug
381-0240 LABFACILITY-381-0240 Datasheet
1Mb / 1P
Standard In-Line Thermocouple Sockets
381-0495 LABFACILITY-381-0495 Datasheet
789Kb / 1P
Standard Panel Sockets
More results

Mô tả tương tự - 381

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Cherry Semiconductor Co...
0609-0754 CHERRY-0609-0754 Datasheet
6Mb / 8P
Assemblies and combinations
0609-1346 CHERRY-0609-1346 Datasheet
6Mb / 8P
Assemblies and combinations
0609-1347 CHERRY-0609-1347 Datasheet
6Mb / 8P
Assemblies and combinations
06090760 CHERRY-06090760 Datasheet
6Mb / 8P
Assemblies and combinations
06090799 CHERRY-06090799 Datasheet
6Mb / 8P
Assemblies and combinations
06090801 CHERRY-06090801 Datasheet
6Mb / 8P
Assemblies and combinations
06090803 CHERRY-06090803 Datasheet
6Mb / 8P
Assemblies and combinations
06091348 CHERRY-06091348 Datasheet
6Mb / 8P
Assemblies and combinations
logo
P-tec Corporation
PL83-WDRG2115 P-TEC-PL83-WDRG2115 Datasheet
76Kb / 1P
Multi-Color combinations
logo
SparkFun Electronics
TOL-14792 SPARKFUN-TOL-14792 Datasheet
75Kb / 1P
Nomad Low Profile Vise
6??5??8
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com