công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P2003EVG bảng dữ liệu(PDF) 5 Page - List of Unclassifed Manufacturers

tên linh kiện P2003EVG
Giải thích chi tiết về linh kiện  P-Channel Logic Level Enhancement Mode Field Effect Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

P2003EVG bảng dữ liệu(HTML) 5 Page - List of Unclassifed Manufacturers

  P2003EVG Datasheet HTML 1Page - List of Unclassifed Manufacturers P2003EVG Datasheet HTML 2Page - List of Unclassifed Manufacturers P2003EVG Datasheet HTML 3Page - List of Unclassifed Manufacturers P2003EVG Datasheet HTML 4Page - List of Unclassifed Manufacturers P2003EVG Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
P-Channel Logic Level Enhancement
Mode Field Effect Transistor
P2003EVG
SOP-8
Lead-Free
NIKO-SEM
5
OCT-20-2004
SOIC-8(D) MECHANICAL DATA
mm
mm
Dimension
Min.
Typ.
Max.
Dimension
Min.
Typ.
Max.
A
4.8
4.9
5.0
H
0.5
0.715
0.83
B
3.8
3.9
4.0
I
0.18
0.254
0.25
C
5.8
6.0
6.2
J
0.22
D
0.38
0.445
0.51
K
0
°
4
°
8
°
E
1.27
L
F
1.35
1.55
1.75
M
G
0.1
0.175
0.25
N



Html Pages

1 2 3 4 5