công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LP3991TL-1.7/NOPB.A bảng dữ liệu(PDF) 21 Page - Texas Instruments

tên linh kiện LP3991TL-1.7/NOPB.A
Giải thích chi tiết về linh kiện  LP3991 300-mA LDO for Digital Applications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

LP3991TL-1.7/NOPB.A bảng dữ liệu(HTML) 21 Page - Texas Instruments

Back Button LP3991TL-1.7/NOPB.A Datasheet HTML 16Page - Texas Instruments LP3991TL-1.7/NOPB.A Datasheet HTML 17Page - Texas Instruments LP3991TL-1.7/NOPB.A Datasheet HTML 18Page - Texas Instruments LP3991TL-1.7/NOPB.A Datasheet HTML 19Page - Texas Instruments LP3991TL-1.7/NOPB.A Datasheet HTML 20Page - Texas Instruments LP3991TL-1.7/NOPB.A Datasheet HTML 21Page - Texas Instruments LP3991TL-1.7/NOPB.A Datasheet HTML 22Page - Texas Instruments LP3991TL-1.7/NOPB.A Datasheet HTML 23Page - Texas Instruments LP3991TL-1.7/NOPB.A Datasheet HTML 24Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
PACKAGE MATERIALS INFORMATION
www.ti.com
5-Nov-2022
TAPE AND REEL INFORMATION
Reel Width (W1)
REEL DIMENSIONS
A0
B0
K0
W
Dimension designed to accommodate the component length
Dimension designed to accommodate the component thickness
Overall width of the carrier tape
Pitch between successive cavity centers
Dimension designed to accommodate the component width
TAPE DIMENSIONS
K0
P1
B0 W
A0
Cavity
QUADRANT ASSIGNMENTS FOR PIN 1 ORIENTATION IN TAPE
Pocket Quadrants
Sprocket Holes
Q1
Q1
Q2
Q2
Q3
Q3
Q4
Q4
User Direction of Feed
P1
Reel
Diameter
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
LP3991TL-1.2/NOPB
DSBGA
YZR
4
250
178.0
8.4
1.04
1.55
0.76
4.0
8.0
Q1
LP3991TL-1.3/NOPB
DSBGA
YZR
4
250
178.0
8.4
1.04
1.55
0.76
4.0
8.0
Q1
LP3991TL-1.5/NOPB
DSBGA
YZR
4
250
178.0
8.4
1.04
1.55
0.76
4.0
8.0
Q1
LP3991TL-1.7/NOPB
DSBGA
YZR
4
250
178.0
8.4
1.04
1.55
0.76
4.0
8.0
Q1
LP3991TL-1.8/NOPB
DSBGA
YZR
4
250
178.0
8.4
1.04
1.55
0.76
4.0
8.0
Q1
LP3991TL-2.0/NOPB
DSBGA
YZR
4
250
178.0
8.4
1.04
1.55
0.76
4.0
8.0
Q1
LP3991TL-2.5/NOPB
DSBGA
YZR
4
250
178.0
8.4
1.04
1.55
0.76
4.0
8.0
Q1
LP3991TL-2.8/NOPB
DSBGA
YZR
4
250
178.0
8.4
1.04
1.55
0.76
4.0
8.0
Q1
LP3991TL-3.0/NOPB
DSBGA
YZR
4
250
178.0
8.4
1.04
1.55
0.76
4.0
8.0
Q1
LP3991TLX-1.2/NOPB
DSBGA
YZR
4
3000
178.0
8.4
1.04
1.55
0.76
4.0
8.0
Q1
LP3991TLX-1.3/NOPB
DSBGA
YZR
4
3000
178.0
8.4
1.04
1.55
0.76
4.0
8.0
Q1
LP3991TLX-1.5/NOPB
DSBGA
YZR
4
3000
178.0
8.4
1.04
1.55
0.76
4.0
8.0
Q1
LP3991TLX-1.8/NOPB
DSBGA
YZR
4
3000
178.0
8.4
1.04
1.55
0.76
4.0
8.0
Q1
LP3991TLX-2.5/NOPB
DSBGA
YZR
4
3000
178.0
8.4
1.04
1.55
0.76
4.0
8.0
Q1
LP3991TLX-2.8/NOPB
DSBGA
YZR
4
3000
178.0
8.4
1.04
1.55
0.76
4.0
8.0
Q1
LP3991TLX-3.0/NOPB
DSBGA
YZR
4
3000
178.0
8.4
1.04
1.55
0.76
4.0
8.0
Q1
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24