| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LP8900TLE-3333/NO.A bảng dữ liệu(PDF) 3 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LP8900TLE-3333/NO.A bảng dữ liệu(HTML) 3 Page - Texas Instruments |
|
3 / 23 page ![]() Top View Bottom View B1 GND OUT1 A2 IN B2 OUT2 C2 A1 EN1 B1 GND C1 EN2 OUT1 A2 C1 EN2 A1 EN1 IN B2 OUT2 C2 3 LP8900 www.ti.com SNVS542E – MAY 2008 – REVISED JUNE 2016 Product Folder Links: LP8900 Submit Documentation Feedback Copyright © 2008–2016, Texas Instruments Incorporated 5 Default Device Options ORDERABLE NUMBER OUT1 OUT2 LP8900TLE-3333 2.8 V 2.8 V LP8900TLE-AAAH 2.7 V 2.7 V LP8900TLE-AAEB 2.8 V 2.7 V LP8900TLE-AAEC 2.8 V 1.2 V 6 Pin Configuration and Functions YZR Package 6-Pin DSBGA Pin Functions PIN TYPE DESCRIPTION NUMBER NAME A1 EN1 I Enable input; enables the regulator when ≥ 1.2 V. Enable Input has an internal 3-MΩ pulldown resistor to GND. Disables the regulator when ≤ 0.4 V. A2 OUT1 O Voltage output. A low ESR ceramic capacitor must be connected from this pin to GND. (See Application and Implementation.) Connect this output to the load circuit. B1 GND G Common ground. B2 IN I Voltage supply input. A 1-µF capacitor must be connected from this pin to GND. C1 EN2 I Enable input; enables the regulator when ≥ 1.2 V. Enable input has an internal 3-MΩ pulldown resistor to GND. Disables the regulator when ≤ 0.4 V. C2 OUT2 O Voltage output. A low ESR ceramic capacitor must be connected from this pin to GND. (See Application and Implementation.) Connect this output to the load circuit. |