công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LP3918 bảng dữ liệu(PDF) 27 Page - Texas Instruments

tên linh kiện LP3918
Giải thích chi tiết về linh kiện  LP3918 Battery Charge Management and Regulator Unit
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

LP3918 bảng dữ liệu(HTML) 27 Page - Texas Instruments

Back Button LP3918 Datasheet HTML 23Page - Texas Instruments LP3918 Datasheet HTML 24Page - Texas Instruments LP3918 Datasheet HTML 25Page - Texas Instruments LP3918 Datasheet HTML 26Page - Texas Instruments LP3918 Datasheet HTML 27Page - Texas Instruments LP3918 Datasheet HTML 28Page - Texas Instruments LP3918 Datasheet HTML 29Page - Texas Instruments LP3918 Datasheet HTML 30Page - Texas Instruments LP3918 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 38 page
background image
0
1.0
2.0
3.0
4.0
5.0
DC BIAS (V)
100%
80%
60%
40%
20%
0402, 6.3V, X5R
0603, 10V, X5R
LP3918
www.ti.com
SNVS476D – AUGUST 2007 – REVISED MAY 2013
Output Capacitor
Correct selection of the output capacitor is critical to ensure stable operation in the intended application.The
output capacitor must meet all the requirements specified in the recommended capacitor table over all conditions
in the application. These conditions include DC-bias, frequency and temperature. Unstable operation will result if
the capacitance drops below the minimum specified value. The LP3918 is designed specifically to work with very
small ceramic output capacitors. The LDO's on the LP3918 are specifically designed to be used with X7R and
X5R type capacitors. With these capacitors selection of the capacitor for the application is dependant on the
range of operating conditions and temperature range for that application. (See section on Capacitor
Characteristics). It is also recommended that the output capacitor be placed within 1cm from the output pin and
returned to a clean ground line.
Capacitor Characteristics
The LDO's on the LP3918 are designed to work with ceramic capacitors on the input and output to take
advantage of the benifits they offer. For capacitance values around 1µF, ceramic capacitors give the circuit
designer the best design options in terms of low cost and minimal area. For both input and output capacitors
careful interpretation of the capacitor specification is required to ensure correct device operation. The capacitor
value can change greatly dependant on the conditions of operation and capacitor type. In particular to ensure
stability, the output capacitor selection should take account of all the capacitor parameters to ensure that the
specification is met within the application. Capacitance value can vary with DC bias conditions as well as
temperature and frequency of operation. Capacitor values will also show some decrease over time due to aging.
The capacitor parameters are also dependant on the particular case size with smaller sizes giving poorer
performance figures in general.
Figure 13. Graph Showing A Typical Variation in Capacitance vs DC Bias
As an example Figure 13 shows a typical graph showing a comparison of capacitor case sizes in a Capacitance
vs DC Bias plot. As shown in the graph, as a result of DC Bias condition the capacitance value may drop below
minimum capacitance value given in the recommended capacitor table (0.7µF in this case). Note that the graph
shows the capacitance out of spec for 0402 case size capacitor at higher bias voltages. It is therefore
recommended that the capacitor manufacturers specifications for the nominal value capacitor are consulted for
all conditions as some capacitor sizes (e.g 0402) may not be suitable in the actual application. Ceramic
capacitors have the lowest ESR values, thus making them best for eliminating high frequency noise. The ESR of
a typical 1µF ceramic capacitor is in the range of 20m
Ω to 40mΩ, and also meets the ESR requirements for
stability. The temperature performance of ceramic capacitors varies by type. Capacitor type X7R is specified with
a tolerance of ±15% over temperature range -55ºC to +125ºC. The X5R has similar tolerance over the reduced
temperature range -55ºC to +85ºC. Most large value ceramic capacitors (<2.2µF) are manufactured with Z5U or
Y5V temperature characteristics, which results in the capacitance dropping by more than 50% as the
temperature goes from 25ºC to 85ºC. Therefore X7R is recommended over these other capacitor types in
applications where the temperature will change significally above or below 25ºC.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Links: LP3918



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com