| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PPM bảng dữ liệu(PDF) 5 Page - ABL Aluminium Components Ltd |
|
|
|||||||||||||||||||||||||||||
PPM bảng dữ liệu(HTML) 5 Page - ABL Aluminium Components Ltd |
|
5 / 6 page ![]() SPRING CLIPS PRODUCT RANGE Using our spring clips to fix plastic packages eg. TO220 and TO3P type devices offers several advantages over conventional methods:- I OPTIMISES THERMAL TRANSFER. I SAVES TIME. I SAVES COST. I REDUCES INVENTORY. I ENABLES SINGLE SUPPLY SOURCE FOR HEATSINKS AND CLIPS. SEE BOARD MOUNTING SERIES FOR MORE DETAILS. Performance figures are shown as an indication of a heatsinks actual performance. It is recommended that the effectiveness of any heatsink is tested in the specific operating environment in which it will be subjected 6 PRINT INDEX |