công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMK61PD0A2 bảng dữ liệu(PDF) 8 Page - Texas Instruments

tên linh kiện LMK61PD0A2
Giải thích chi tiết về linh kiện  LMK61PD0A2 Ultra-Low Jitter Pin Selectable Oscillator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

LMK61PD0A2 bảng dữ liệu(HTML) 8 Page - Texas Instruments

Back Button LMK61PD0A2 Datasheet HTML 4Page - Texas Instruments LMK61PD0A2 Datasheet HTML 5Page - Texas Instruments LMK61PD0A2 Datasheet HTML 6Page - Texas Instruments LMK61PD0A2 Datasheet HTML 7Page - Texas Instruments LMK61PD0A2 Datasheet HTML 8Page - Texas Instruments LMK61PD0A2 Datasheet HTML 9Page - Texas Instruments LMK61PD0A2 Datasheet HTML 10Page - Texas Instruments LMK61PD0A2 Datasheet HTML 11Page - Texas Instruments LMK61PD0A2 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
LMK61PD0A2
SNAS675A – OCTOBER 2015 – REVISED NOVEMBER 2015
www.ti.com
7.12 Power-On/Reset Characteristics (VDD)
VDD = 3.3 V ± 5%, TA = -40°C to 85°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VTHRESH
Threshold Voltage(1)
2.72
2.95
V
VDROOP
Allowable Voltage Droop(2)
0.1
V
tSTARTUP
Startup Time (1)
Time elapsed from VDD at 3.135 V to output
10
ms
enabled
tOE-EN
Output enable time(2)
Time elapsed from OE at VIH to output enabled
50
us
tOE-DIS
Output disable time(2)
Time elapsed from OE at VIL to output disabled
50
us
(1)
Ensured by characterization.
(2)
Ensured by design.
7.13 PSRR Characteristics
(1)
VDD = 3.3 V, TA = 25°C, FS[1:0] = NC, NC
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PSRR
Spurs Induced by 50 mV
Sine wave at 50 kHz
-70
dBc
Power Supply Ripple(2)(3) at
Sine wave at 100 kHz
-70
156.25 MHz output, all
Sine wave at 500 kHz
-70
output types
Sine wave at 1 MHz
-70
(1)
Refer to Parameter Measurement Information for relevant test conditions.
(2)
Measured max spur level with 50 mVpp sinusoidal signal between 50 kHz and 1 MHz applied on VDD pin
(3)
DJSPUR (ps, pk-pk) = [2*10(SPUR/20) / (π*fOUT)]*1e6, where PSRR or SPUR in dBc and fOUT in MHz.
8
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: LMK61PD0A2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com